Electronic Components Datasheet Search
  English  ▼

X  

AST20S Datasheet(PDF) 29 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 29 Page - Advanced Semiconductor Business Inc.

Back Button AST20S Datasheet HTML 25Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 26Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 27Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 28Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 29Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 30Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 31Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 32Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 33Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
29/33
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
AST20S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1MHz.
Parameter
Symbol
Unit
Frequency (MHz)
470
860
Power Gain
Gp
dB
18.4
18.2
Noise Figure
NF
dB
1.2
1.2
Input Return Loss
RLin
dB
-15
-18
Output Return Loss
RLout
dB
-12
-15
1 dB Gain Compression
Output Power
Po(1dB)
dBm
11
14
3
rd Intercept Point
Output Power
1)
OIP3
dBm
24
27
Circuit Current
Icc
mA
28
28
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
CMMB
470 ~ 860 MHz
+4.5 V
Board Layout (FR4, 24x16 mm
2, 0.8T)
Bottom
Top
RF OUT
AST20S
RF IN
R4=750
W
C6=1 uF
VDD
R2=5.1 k
W
L2=18 nH
R1=51
W
C4=100 pF R3=510 W
L3=18 nH
C1=0.1 uF
C2=0.1 uF
C5=0.1 uF
L1=6.8 nH
C3=3 pF
0
200
400
600
800
1000
-40
-30
-20
-10
0
10
20
30
S12
S22
S11
S21
Frequency [MHz]
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
freq (470.0MHz to 860.0MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com