Electronic Components Datasheet Search
  English  ▼

X  

AST20S Datasheet(PDF) 24 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 24 Page - Advanced Semiconductor Business Inc.

Back Button AST20S Datasheet HTML 20Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 21Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 22Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 23Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 24Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 25Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 26Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 27Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 28Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
24/33
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
AST20S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of -2 dBm/tone separated by 1MHz.
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Board Layout (FR4, 23x13 mm
2, 0.8T)
Note: 1) the length of the strip line P1 is given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
*P1 Length: 1.8 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1
Bottom
Parameter
Symbol
Unit
Frequency (MHz)
1525
1559
Power Gain
Gp
dB
14.5
14
Noise Figure
NF
dB
0.55
0.55
Input Return Loss
RLin
dB
-9
-9
Output Return Loss
RLout
dB
-14
-14
1 dB Gain Compression
Output Power
Po(1dB)
dBm
16.5
3
rd Intercept Point
Output Power
1)
OIP3
dBm
25
Circuit Current
Icc
mA
15
Top
C1=100 pF
C2=100 pF
RF OUT
AST20S
C3=10 nF
RF IN
L2=10 nH
*P1
R1=750
W
C4=1 uF
*P1
VDD
R2=11 k
W
L1=10 nH
R3=39
W
1200
1300
1400
1500
1600
1700
1800
0
5
10
15
20
Frequency (MHz)
1200
1300
1400
1500
1600
1700
1800
-20
-15
-10
-5
0
Frequency (MHz)
1200
1300
1400
1500
1600
1700
1800
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
Satellite Phone
1525 ~ 1559 MHz
+5 V / 15 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com