Electronic Components Datasheet Search
  English  ▼

X  

AST20S Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  AST20S Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1/33
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
AST20S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
*100% in-house DC & RF testing is done on packaged products before taping
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Units
Typical
Testing Frequency
MHz
900
1950
2450
3500
Gain
dB
18
15.5
13
11
S11
dB
-13
-11
-15
-12
S22
dB
-15
-13
-13
-15
Output IP3
1)
dBm
30
34
33
30
Noise Figure
dB
0.6
0.7
0.9
2.1
Output P1dB
dBm
17
18
18.5
18
Current
mA
48
Device Voltage
V
3.15
Parameters
Units
Min
Typ
Max
Frequency
MHz
900
Gain
dB
17
18
S11
dB
-13
S22
dB
-15
Output IP3
dBm
28
30
Noise Figure
dB
0.6
0.7
Output P1dB
dBm
15
17
Current
mA
40
48
55
Device Voltage
V
3.15
Parameters
Rating
Operating Case Temperature
-40 to
+85°C
Storage Temperature
-40 to
+150°C
Device Voltage
+6 V
Operating Junction Temperature
+150
°C
Input RF Power (CW, 50ohm matched)*
22 dBm
Features
Description
·
18 dB Gain at 900 MHz
·
0.6 dB NF at 900 MHz
·
30 dBm OIP3 at 900 MHz
·
17 dBm P1dB at 900 MHz
·
One-stage LNA
AST20S is a one-stage LNA which has a low noise,
high gain, and high linearity over a wide range of
frequency up to 6 GHz. It is also suitable for use in
the low noise amplifier block of the mobile wireless
systems of T-DMB, CDMA, GSM, PCS, WCDMA,
WiBro, WiMAX, and WLAN so on. The amplifier is
available in an SOT-363 package and passes the
stringent DC, RF, and reliability tests.
Product Specifications*
Typical Performance
Absolute Maximum Ratings
Package Style: SOT-363
Pin Configuration
Pin No.
Function
1
RF IN
2,3,6
GND
4
RF OUT / Bias
5
NC
Application Circuit
·
698 ~ 787 MHz
·
900 MHz
·
880 ~ 953 MHz
·
900 MHz (Balanced Type)
·
1755 ~ 2140 MHz
·
1950 MHz
·
1950 MHz (Balanced Type)
·
2140 MHz / 2450 MHz
·
2500 MHz / 2600 MHz
·
3500 MHz
·
1200 ~ 1900 MHz
·
433 MHz / 315 MHz
·
850 ~ 950 MHz
·
1210 ~ 1620 MHz (GPS)
·
1472 MHz
·
Satellite Phone
·
174 ~ 240 MHz
·
50 ~ 200 MHz / 50 ~ 300 MHz
·
50 ~ 810 MHz
(Wideband antenna)
·
470 ~ 860 MHz (CMMB)
·
70 ~ 2700 MHz (ONU, 50 ohm)
·
2300 ~ 2700 MHz
·
900 ~ 2100 MHz
(SMATV, 50 ohm)


Similar Part No. - AST20S

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AST20S ASB-AST20S Datasheet
3Mb / 41P
High Gain, Low Noise Amplifier
February 2017
AST20S ASB-AST20S_17 Datasheet
3Mb / 41P
High Gain, Low Noise Amplifier
February 2017
More results

Similar Description - AST20S

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
High Gain, Low Noise Amplifier
May 2012
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
High Gain, Low Noise Amplifier
June 2014
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
High Gain, Low Noise Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com