Electronic Components Datasheet Search
  English  ▼

X  

AST20S Datasheet(PDF) 31 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 31 Page - Advanced Semiconductor Business Inc.

Back Button AST20S Datasheet HTML 25Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 26Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 27Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 28Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 29Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 30Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 31Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 32Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 33Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
31/33
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
AST20S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
Parameter
Symbol
Unit
Frequency (MHz)
2300
2500
2700
Power Gain
Gp
dB
15.5
15.3
14.7
Noise Figure
NF
dB
1.05
1.05
1.0
Input Return Loss
RLin
dB
-9
-12
-10
Output Return Loss
RLout
dB
-20
-17
-13
1 dB Gain Compression
Output Power
Po(1dB)
dBm
17.5
17.5
17.5
3
rd Intercept Point
Output Power
1)
OIP3
dBm
31
30
33.5
Circuit Current
Icc
mA
38
38
38
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
2300 ~ 2700 MHz
+5 V
Board Layout (FR4, 24x16 mm
2, 0.8T)
Bottom
Top
C1=15 pF
C3=10 pF
RF OUT
AST20S
C5=10 nF
RF IN
R1=750
W
C6=1 uF
VDD
R2=5.1 k
W
L1=15 nH
(Coil Inductor)
R4=51
W
C2=1.2 pF
C4=1 nF
R3=1.1 k
W
L2=15 nH
(Coil Inductor)
C6=1
mF
2000
2200
2400
2600
2800
3000
-30
-20
-10
0
10
20
30
S12
S22
S11
S21
Frequency [MHz]
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
freq (2.300GHz to 2.700GHz)
S11
S22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com