Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 101 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 101 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 105Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
101
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
GET PARAMETER VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F00h
Parameter ID (PID)
Parameter Value
Audio Widget Capabilities Parameter (PID = 09h)
Bit
Bitfield Name
RW
Default
Description
[31:24]
Rsvd
R
00h
Reserved
[23:20]
Type
R
0h
Indicates that this is an Audio Output Widget
[19:16]
Delay
R
0h
Latency not reported
[15:12]
Rsvd
R
0h
Reserved
[11]
L-R Swap
R
0
Left/Right swap capability not supported
[10]
PowerCntrl
R
1
Indicates that the Power State Verb is supported in this widget
[9]
Digital
R
0
Indicates that this widget is translating analogue data
[8]
Conn List
R
0
Indicates that a connection list is not present
[7]
Unsol Capable
R
1
Widget supports Unsolicited Responses
[6]
ProcWidget
R
0
Widget does not have processing capabilities
[5]
Stripe
R
0
Widget does not support striping
[4]
Format Override
R
1
Widget has a subset of the supported rates defined for the AFG
[3]
Amp Parameter
Override
R
0
The AFG amplifier parameters are used for this widget
[2]
Out Amp Present
R
1
Output amplifier is present in this widget
[1]
In Amp Present
R
0
Input amplifier not present in this widget
[0]
Stereo
R
1
Indicates that this is a stereo widget
Supported Rates Parameter (PID = 0Ah)
Bit
Bitfield Name
RW
Default
Description
[31:21]
Rsvd
R
000h
Reserved
[20]
B32
R
1
DAC1 supports 32-bit audio format
[19]
B24
R
1
DAC1 supports 24-bit audio format
[18]
B20
R
1
DAC1 supports 20-bit audio format
[17]
B16
R
1
DAC1 supports 16-bit audio format
[16]
B8
R
0
DAC1 does not support 8-bit audio format
[15:12]
Rsvd
R
0h
Reserved
[11]
R12
R
0
DAC1 does not support 384 kHz sample rate
[10]
R11
R
1
DAC1 supports 192 kHz sample rate
[9]
R10
R
1
DAC1 supports 176.4 kHz sample rate
[8]
R9
R
1
DAC1 supports 96 kHz sample rate
[7]
R8
R
1
DAC1 supports 88.2 kHz sample rate
[6]
R7
R
1
DAC1 supports 48 kHz sample rate
[5]
R6
R
1
DAC1 supports 44.1 kHz sample rate
[4]
R5
R
1
DAC1 supports 32 kHz sample rate
[3]
R4
R
1
DAC1 supports 22.05 kHz sample rate
[2]
R3
R
1
DAC1 supports 16 kHz sample rate
[1]
R2
R
1
DAC1 supports 11.025 kHz sample rate
[0]
R1
R
1
DAC1 supports 8 kHz sample rate
Supported Stream Formats Parameter (PID = 0Bh)
Bit
Bitfield Name
RW
Default
Description
[31:3]
Rsvd
R
00000000h
Reserved
[2]
AC3
R
0
DAC1 does not support Dolby AC3 formatted data
[1]
Float32
R
1
DAC1 supports Float32 formatted data
[0]
PCM
R
1
DAC1 supports PCM formatted data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com