Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 102 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 102 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 106Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 184 page
background image
WM8860
Pre-Production
w
PP, April 2011, Rev 3.2
102
Supported Power States Parameter (PID = 0Fh)
Bit
Bitfield Name
RW
Default
Description
[31:4]
Rsvd
R
0000000h
Reserved
[3]
D3Sup
R
1
D3 power state supported
[2]
D2Sup
R
1
D2 power state supported
[1]
D1sup
R
1
D1 power state supported
[0]
D0Sup
R
1
D0 power state supported
POWER STATE VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F05h
00h
Bits [31:0] in the table below
Set
705h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7:4]
PS-Act
R
3h
Indicates the actual power state of the DAC1 node:
0h = D0
1h = D1
2h = D2
3h = D3
4h-Fh = Reserved
Note: The power state of the DAC1 node is controlled by PS-Set below,
however the control may be superseded by the PS-Set of the AFG node.
[3:0]
PS-Set
RW
3h
Sets the power state of the DAC1 node:
0h = D0
1h = D1
2h = D2
3h = D3
4h-Fh = Reserved
CONVERTER STREAM, CHANNEL VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F06h
00h
Bits [31:0] in the table below
Set
706h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7:4]
Stream
RW
0h
Stream ID used by this widget. Note that Stream ID = 0h is used to indicate
an unused stream, and converters will not transfer/receive link data for
streams with an ID of 0h.
[3:0]
Channel
RW
0h
Lowest channel number used by this widget.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com