Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 103 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 103 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 107Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
103
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
UNSOLICITED RESPONSE VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F08h
00h
Bits [31:0] in the table below
Set
708h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
Enable
RW
0
0 = Unsolicited Responses disabled for this node
1 = Unsolicited Responses enabled for this node
[6]
Rsvd
R
0
Reserved
[5:0]
Tag
RW
06h
A software programmable tag value that is returned in the top six bits
(31:26) of every Unsolicited Response from this node.
The default for Tag is equal to the Node ID.
Note: The Unsolicited Response for the AFG node is defined in the “Unsolicited Responses” section.
UNSOLICITED RESPONSE PRIORITY CONTROL VERB (VENDOR-SPECIFIC)
Verb ID
Payload [7:0]
Response[31:0]
Get
F8Eh
00h
Bits [31:0] in the table below
Set
78Eh
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:5]
Rsvd
R
0000000h
Reserved
[4:0]
Priority
RW
00h
Assigns a priority setting for queued Unsolicited Responses. Nodes with
the lowest value have the highest priority, and so go to the front of the
Unsolicited Response queue. Nodes with the same value for priority are
queued on first-to-trigger basis.
00h = Highest priority
…
1Fh = Lowest priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com