Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 105 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 105 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 109Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
105
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
DAC2 AUDIO OUTPUT CONVERTER WIDGET (NID = 07H)
STREAM FORMAT VERB
Verb ID
Payload [15:0]
Response[31:0]
Get
Ah
0000h
Bits [31:0] in the table below
Set
2h
Bits [15:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:16]
Rsvd
R
0000h
Reserved
[15]
Type
R
0
Indicates the widget supports only PCM streams
[14]
Base
RW
0
Used to set the base rate frequency:
0 = 48 kHz
1 = 44.1 kHz
[13:11]
Mult
RW
0h
Used to set the base rate multiplication factor:
0h = x1 (48kHz, 44.1kHz or less)
1h = x2 (96kHz, 88.2kHz, 32kHz)
2h = Reserved
3h = x4 (192kHz, 176.4kHz)
4h-7h = Reserved
[10:8]
Div
RW
0h
Used to set the base rate division factor:
0h = divide by 1 (48kHz, 44.1kHz)
1h = divide by 2 (24kHz, 22.05kHz)
2h = divide by 3 (16kHz, 32kHz)
3h = divide by 4 (11.025kHz)
4h = Reserved
5h = divide by 6 (8kHz)
6h = Reserved
7h = Reserved
[7]
Rsvd
R
0
Reserved
[6:4]
Bits
RW
3h
Bits per Sample:
0h = Reserved
1h = 16 bits
2h = 20 bits
3h = 24 bits
4h = 32 bits (Float 32)
5h-7h = Reserved
[3:0]
Chan
RW
1h
Number of Channels in each frame of the stream:
0h = 1 channel
1h = 2 channels
2h = 3 channels
3h = 4 channels
4h = 5 channels
5h = 6 channels
6h-Fh = reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com