Electronic Components Datasheet Search
  English  ▼

X  

WM8988 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Production Data
WM8988
w
PD, Rev 4.0, October 2008
37
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised in
Table 31. MS selects audio interface operation in master or slave mode. In Master mode BCLK and
LRC are outputs. The frequency of LRC is set by the sample rate control bits SR[4:0] and USB. In
Slave mode BCLK and LRC are inputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
BCLKINV
0
BCLK invert bit (for master and slave
modes)
0 = BCLK not inverted
1 = BCLK inverted
6
MS
0
Master / Slave Mode Control
1 = Enable Master Mode
0 = Enable Slave Mode
5
LRSWAP
0
Left/Right channel swap
1 = swap left and right DAC data in
audio interface
0 = output left and right data as normal
right, left and i2s modes – LRCLK
polarity
1 = invert LRCLK polarity
0 = normal LRCLK polarity
4
LRP
0
DSP Mode – mode A/B select
1 = MSB is available on 1
st BCLK rising
edge after LRC rising edge (mode B)
0 = MSB is available on 2
nd BCLK rising
edge after LRC rising edge (mode A)
3:2
WL[1:0]
10
Audio Data Word Length
11 = 32 bits (see Note)
10 = 24 bits
01 = 20 bits
00 = 16 bits
R7 (07h)
Digital Audio
Interface
Format
1:0
FORMAT[1:0]
10
Audio Data Format Select
11 = DSP Mode
10 = I
2S Format
01 = Left justified
00 = reserved (do not use this setting)
Table 31 Audio Data Format Control
AUDIO INTERFACE OUTPUT TRISTATE
Register bit TRI, register 24(18h) bit[3] can be used to tristate the ADCDAT pin and switch ADCLRC,
DACLRC and BCLK to inputs. In Slave mode (MASTER=0) LRC and BCLK are by default configured
as inputs and only ADCDAT will be tri-stated, (see Table 32).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24(18h)
Additional
Control (2)
3
TRI
0
Tristates ADCDAT and switches ADCLRC,
DACLRC and BCLK to inputs.
0 = ADCDAT is an output, LRC and BCLK are
inputs (slave mode) or outputs (master mode)
1 = ADCDAT is tristated, LRC and BCLK are
inputs
Table 32 Tri-stating the Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com