Electronic Components Datasheet Search
  English  ▼

X  

WM8988 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
WM8988
Production Data
w
PD, Rev 4.0, October 2008
8
Test Conditions
DCVDD = 1.5V, DBVDD = 2.4V, AVDD = HPVDD =2.4V , TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio
data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HPVDD=3.3V, RL=32
Ω,
PO=20mW
HPCOM=LCOM=0
DACMIXBIAS=0
0.010
-82
HPVDD=3.3V, RL=16
Ω,
PO=20mW
HPCOM=LCOM=0
DACMIXBIAS=0
0.010
-80
HPVDD=1.8V, RL=32
Ω
PO=5mW
HPCOM=LCOM=0
DACMIXBIAS=1
-80
dB
HPVDD=1.8V, RL=16
Ω
PO=5mW
HPCOM=LCOM=0
DACMIXBIAS=1
-78
HPVDD=2.4V, RL=32
Ω,
PO=5mW
HPCOM=LCOM=1
DACMIXBIAS=1
-79
HPVDD=2.4V, RL=16
Ω,
PO=5mW
HPCOM=LCOM=1
DACMIXBIAS=1
-77
-65
HPVDD=3.3V, RL=32
Ω,
PO=20mW
HPCOM=LCOM=0
DACMIXBIAS=0
-80
Total Harmonic Distortion +
Noise
THD+N
HPVDD=3.3V, RL=16
Ω,
PO=20mW
HPCOM=LCOM=0
DACMIXBIAS=0
-78
HPVDD = 3.3V
HPCOM=LCOM=0
DACMIXBIAS=1
100
dB
HPVDD = 2.4V
HPCOM=LCOM=1
DACMIXBIAS=1
90
96
Signal to Noise Ratio
(A-weighted)
SNR
HPVDD = 1.8V
HPCOM=LCOM=0
DACMIXBIAS=0
96
Headphone Output Ground
noise rejection
10mV, 20kHz noise on HPCOM,
HPCOM enabled
40
dB
Line Output Ground Noise
Rejection
10mV, 20kHz noise on LCOM,
LCOM enabled
40
dB
Analogue Reference Levels
Midrail Reference Voltage
VMID
–3%
AVDD/2
+3%
V
Buffered Reference Voltage
VREF
–3%
AVDD/2
+3%
V
Digital Input / Output
Input HIGH Level
VIH
0.7
×DB
VDD
V
Input LOW Level
VIL
0.3
×DBVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com