Electronic Components Datasheet Search
  English  ▼

X  

WM8988 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
WM8988
Production Data
w
PD, Rev 4.0, October 2008
6
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.5V, DBVDD = 2.4V, AVDD = HPVDD =2.4V , TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio
data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (LINPUT1, RINPUT1, LINPUT2, RINPUT2) to ADC out
AVDD = 3.3V
0.95
1.0
1.05
AVDD = 2.4V
0.690
0.727
0.763
Full Scale Input Signal Level
(for ADC 0dB Input at 0dB Gain)
VINFS
AVDD = 1.8V
0.480
0.545
0.610
Vrms
L/RINPUT1 to ADC,
PGA gain = 0dB
16
22
L/RINPUT1 to ADC,
PGA gain = +30dB
1.5
2.8
L/RINPUT2 to ADC
PGA gain = 0dB
16
22
Input Resistance
RIN
L/RINPUT2 to ADC
PGA gain = 30dB
1.5
2.8
k
Ω
Input Capacitance
10
pF
AVDD = 3.3V
80
93
AVDD = 2.4V
80
88
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 1.8V
78
87
dB
-1dBFs input,
AVDD = 3.3V
-81
-68
-1dBFS input,
AVDD = 2.4V
-80
-68
Total Harmonic Distortion
THD
-1dBFs input,
AVDD = 1.8V
-76
-65
dB
-1dBFs input,
AVDD = 3.3V
-75
-65
-1dBFS input,
AVDD = 2.4V
-70
-65
Total Harmonic Distortion +
Noise
THD+N
-1dBFs input,
AVDD = 1.8V
-70
-60
dB
1kHz signal
85
ADC Channel Separation
10kHz signal
85
dB
Channel Matching
1kHz signal
-0.5
0.2
+0.5
dB
Analogue Outputs (LOUT1/2, ROUT1/2)
AVDD = 3.3V
0.95
1.0
1.05
AVDD = 2.4V
0.690
0.727
0.763
0dB Full scale output voltage
VOUTFS
AVDD = 1.8V
0.507
0.545
0.583
Vrms
Mute attenuation
1kHz, full scale signal
90
dB
1kHz signal
85
Channel Separation
10kHz signal
85
dB
PGA Gain range
guaranteed monotonic
+6
-67
dB
PGA step size
0.25
1
1.25
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com