Electronic Components Datasheet Search
  English  ▼

X  

WM8988 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Production Data
WM8988
w
PD, Rev 4.0, October 2008
19
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LIVU
0
Left Volume Update
0 = Store LINVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = LINVOL, right =
intermediate latch)
7
LINMUTE
1
Left Channel Input Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: LIVU must be set to un-mute.
6
LZCEN
0
Left Channel Zero Cross Detector
1 = Change gain on zero cross only
0 = Change gain immediately
R0 (00h)
Left Channel
PGA
5:0
LINVOL
[5:0]
010111
( 0dB )
Left Channel Input Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
8
RIVU
0
Right Volume Update
0 = Store RINVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (right = RINVOL, left =
intermediate latch)
7
RINMUTE
1
Right Channel Input Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: RIVU must be set to un-mute.
6
RZCEN
0
Right Channel Zero Cross Detector
1 = Change gain on zero cross only
0 = Change gain immediately
R1 (01h)
Right Channel
PGA
5:0
RINVOL
[5:0]
010111
( 0dB )
Right Channel Input Volume Control
111111 = +30dB
111110 = +29.25dB
. . 0.75dB steps down to
000000 = -17.25dB
R23 (17h)
Additional
Control (1)
0
TOEN
0
Timeout Enable
0 : Timeout Disabled
1 : Timeout Enabled
Table 9 Input PGA Software Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com