Electronic Components Datasheet Search
  English  ▼

X  

WM8988 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
WM8988
Production Data
w
PD, Rev 4.0, October 2008
44
STOPPING THE MASTER CLOCK
In order to minimise power consumed in the digital core of the WM8988, the master clock may be
stopped in Standby and OFF modes. If this cannot be done externally at the clock source, the
DIGENB bit (R25, bit 0) can be set to stop the MCLK signal from propagating into the device core. In
Standby mode, setting DIGENB will typically provide an additional power saving on DCVDD of 20uA.
However, since setting DIGENB has no effect on the power consumption of other system
components external to the WM8988, it is preferable to disable the master clock at its source
wherever possible.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Additional Control
(1)
0
DIGENB
0
Master clock disable
0: master clock enabled
1: master clock disabled
Table 40 ADC and DAC Oversampling Rate Selection
NOTE: Before DIGENB can be set, the control bits ADCL, ADCR, DACL and DACR must be set
to zero and a waiting time of 1ms must be observed. Any failure to follow this procedure may
prevent DACs and ADCs from re-starting correctly.
SAVING POWER BY REDUCING BIAS CURRENTS
The design of the DAC allows user trade-off between power consumption and performance, using
the DACMIXBIAS bit. The default setting (DACMIXBIAS=0) delivers the best audio performance.
Setting DACMIXBIAS=1 reduces AVDD current consumption, at the cost of marginally reduced
performance (see “Electrical Characteristics” for details).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R67 (43h)
3
DACMIX
BIAS
0
DAC biasing
0 = high bias current (results in higher
performance and power consumption)
1 = low bias current (results in lower
performance and power consumption)
Table 41 DAC Biasing
SAVING POWER BY REDUCING OVERSAMPLING RATE
The default mode of operation of the ADC and DAC digital filters is in 128x oversampling mode.
Under the control of ADCOSR and DACOSR the oversampling rate may be halved. This will result in
a slight decrease in noise performance but will also reduce the power consumption of the device. In
USB mode ADCOSR must be set to 0, i.e. 128x oversampling.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
ADCOSR
0
ADC oversample rate select
1 = 64x (lowest power)
0 = 128x (best SNR)
R24 (18h)
Additional Control
(2)
0
DACOSR
0
DAC oversample rate select
1 = 64x (lowest power)
0 = 128x (best SNR)
Table 42 ADC and DAC Oversampling Rate Selection
ADCOSR set to ‘1’, 64x oversample mode, is not supported in USB mode (USB=1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com