Electronic Components Datasheet Search
  English  ▼

X  

WM8988 Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 56Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
WM8988
Production Data
w
PD, Rev 4.0, October 2008
52
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
DBVDD
DCVDD
AVDD
LINPUT1
RINPUT1
MODE
CSB
SDIN
SCLK
LINPUT2
RINPUT2
BCLK
LRC
DACDAT
ADCDAT
AUDIO
INTERFACE
(I2S/LJ/RJ/DSP)
DGND
AGND
LOUT2
ROUT2
VREF
VMID
WM8988
+
+
+
C7
C19
C17
C8
C9
C10
+
C22
C23
HPVDD
HPGND
C4
C3
C2
C1
DVDD
AVDD
MCLK
CONTROL
INTERFACE
(2 OR 3-WIRE)
HIGH for 3-wire
LOW for 2-wire
Lineout
4.7uF
1uF
1uF
1uF
1uF
4.7uF
4.7uF
10uF
4.7uF
Layout Notes:
LOUT1
ROUT1
+
+
C14
C15
HEADPHONES
220uF
220uF
16 OR 32 OHM
C21
4.7uF
C20
4.7uF
10uF
+
+
HPCOM
LCOM
GND
GND
GND
GND
GND
GND
GND
GND
1. C1 to C4, C17, C19, C20 and C21 should be as close to the relative WM8988 connecting pin as possible.
2. For capacitors C7 to C10, C14, C15, C22 and C23 it is recommended that low ESR components are used.
3. HPCOM and LCOM should be connected to GND at the connector.
0.1uF
0.1uF
Figure 44 Recommended External Components Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com