Electronic Components Datasheet Search
  English  ▼

X  

WM8988 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8988
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8988 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8988 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Production Data
WM8988
w
PD, Rev 4.0, October 2008
7
Test Conditions
DCVDD = 1.5V, DBVDD = 2.4V, AVDD = HPVDD =2.4V , TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio
data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC to Line-Out (L/ROUT1 or L/ROUT2 with 10k
Ω / 50pF load)
DACMIXBIAS=0
88
100
AVDD=3.3V
HPCOM=LC
OM=0
DACMIXBIAS=1
99
DACMIXBIAS=0
97
AVDD = 2.4V
HPCOM=LC
OM=1
DACMIXBIAS=1
88
96
DACMIXBIAS=0
96
Signal to Noise Ratio
(A-weighted)
SNR
AVDD=1.8V
HPCOM=LC
OM=0
DACMIXBIAS=1
85
95
dB
DACMIXBIAS=0
-90
-75
AVDD=3.3V
HPCOM=LC
OM=0
DACMIXBIAS=1
-89
DACMIXBIAS=0
-83
AVDD = 2.4V
HPCOM=LC
OM=1
DACMIXBIAS=1
-82
-75
DACMIXBIAS=0
-80
Total Harmonic Distortion
THD
AVDD=1.8V
HPCOM=LC
OM=0
DACMIXBIAS=1
-79
-65
dB
DACMIXBIAS=0
-88
-70
AVDD=3.3V
HPCOM=LC
OM=0
DACMIXBIAS=1
-87
DACMIXBIAS=0
-75
AVDD = 2.4V
HPCOM=LC
OM=1
DACMIXBIAS=1
-74
-70
DACMIXBIAS=0
-75
Total Harmonic Distortion +
Noise
THD+N
AVDD=1.8V
HPCOM=LC
OM=0
DACMIXBIAS=1
-74
-65
dB
1kHz signal
100
Channel Separation
10kHz signal
85
dB
dB
Ground noise rejection
10mV, 20kHz noise on
LCOM/HPCOM, LCOM/HPCOM
enabled
40
dB
Headphone Output (LOUT1/ROUT1, LOUT2/ROUT2 AC coupled to load)
Output Power per channel
PO
Output power is very closely correlated with THD; see below.
HPVDD=1.8V, RL=32
Ω
PO=5mW
HPCOM=LCOM=0
DACMIXBIAS=1
0.013
-78
%
dB
HPVDD=1.8V, RL=16
Ω
PO=5mW
HPCOM=LCOM=0
DACMIXBIAS=1
0.010
-80
HPVDD=2.4V, RL=32
Ω,
PO=5mW
HPCOM=LCOM=1
DACMIXBIAS=1
0.010
-80
Total Harmonic Distortion
THD
HPVDD=2.4V, RL=16
Ω,
PO=5mW
HPCOM=LCOM=1
DACMIXBIAS=1
0.013
-78
0.032
-70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com