Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 133 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 133 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 137Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
133
19.5 TOUCH PANEL INTERRUPTS
Touch panel events are associated with two Interrupt event flags.
The TCHDATA_EINT interrupt bit is set when new Touch Panel data is available. This secondary
interrupt triggers a primary Interrupt, TCHDATA_INT (see Section 23). This can be masked by setting
the IM_TCHDATA_EINT mask bit as described in Table 73.
The TCHPD_EINT interrupt bit is set when a Touch Panel ‘Pen Down’ event is detected. This
secondary interrupt triggers a primary Interrupt, TCHPD_INT (see Section 23). This can be masked
by setting the IM_TCHPD_EINT mask bit as described in Table 73.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
10
TCHDATA_EINT
Touch panel Data interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
9
TCHPD_EINT
Touch panel Pen Down interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
10
IM_TCHDATA_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
9
IM_TCHPD_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 73 Touch Panel Interrupts
19.6 TOUCH PANEL OPERATING PRINCIPLES
A typical resistive Touch Panel comprises two conductive sheets, connected via a switch matrix to the
Touch Panel supply voltage. When the Touch Panel is touched (usually with a pen-style pointer), an
electrical contact is made between the two sheets. The switch matrix is used to determine the position
of the pen contact by establishing a potential divider on one of the conductive sheets in either the X-
axis or Y-axis, and measuring the voltage on the other sheet.
Separate configuration is required for each axis measurement; these are configured one after the
other to determine the X and Y co-ordinate positions. Note that, due to the ratiometric measurement
method, the accuracy of the supply voltage does not affect the measurement accuracy in either axis.
Pen Down detection and Z-axis (pressure) measurements are achieved in a similar fashion, by
configuring the switch matrix and taking the appropriate voltage measurement via an ADC. Note that
Z-axis measurement is only supported in 4-wire configuration.
The standard operating principles of 4-wire and 5-wire Touch Panels are each described in the
following pages.
19.6.1 4-WIRE TOUCH PANEL OPERATION
In 4-wire operation, the Touch Panel interface connects to the Left / Right sides of one sheet and to
the Top / Bottom sides of the other sheet. The illustrations show the top sheet for X-axis and the
bottom sheet for Y-axis, but the reverse is also possible.
X-axis measurement is performed by applying a potential difference between the Left and Right sides
of the touch panel. When contact is made between the two sheets, the voltage present on the Top or
Bottom connections is a measure of the X-axis position of the contact. The configuration is illustrated
in Figure 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com