Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 132 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 132 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 136Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 302 page
background image
WM8311
Pre-Production
w
PP, May 2012, Rev 3.1
132
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11
TCH_PDONLY
0
Select Automatic conversions only
when Pen Down is detected. (No
effect on Manual conversion.)
0 = Normal
1 = Pen-Down only
Table 71 Touch Panel Control
19.4 TOUCH PANEL READBACK
Measured data from the Touch Panel controller is read via the Touch Data registers. The X-axis, Y-
axis and Z-axis (pressure) measurements are provided in the TCH_X, TCH_Y and TCH_Z registers
respectively. The TCH_PD1, TCH_PD2 and TCH_PD3 bits indicate whether the Pen Down status
was asserted when the measurement set was made.
To read a set of Touch Panel measurements, the host processor must access each of the applicable
Touch Data registers. (Note that Z-axis measurement is applicable to 4-wire mode only.) When the
host processor starts to read these registers, the WM8311 will inhibit any new touch panel
measurements until the host processor has read all of the applicable registers. This ensures that the
data read by the host processor all relates to the same set of measurements.
The touch panel inhibit (preventing new touch panel measurements) commences when any of the
Touch Data registers is read. The touch panel inhibit ceases when all selected Touch Data registers
have been read, or if a read/write operation is made to any other register.
If all 3 touch panel channels are selected (using TCH_X_ENA, TCH_Y_ENA and TCH_Z_ENA as
described in Section 19.3), then all 3 Touch Data registers must be read before further measurements
are permitted. If fewer channels are selected, then only those selected channels need to be read
before touch panel measurements are enabled again.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16426 (402Ah)
Touch Data X
15
TCH_PD1
0
Pen down status (indicates if the
Pen Down was detected prior to
the TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_X [11:0]
000h
Touch panel X-axis data
R16427 (402Bh)
Touch Data Y
15
TCH_PD2
0
Pen down status (indicates if the
Pen Down was detected prior to
the TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_Y [11:0]
000h
Touch panel Y-axis data
R16428 (402Ch)
Touch Data Z
15
TCH_PD3
0
Pen down status (indicates if the
Pen Down was detected prior to
the TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_Z [11:0]
000h
Touch panel Z-axis data
Table 72 Touch Panel Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com