Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 131 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 131 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 135Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
131
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16424 (4028h)
Touch Control 1
15
TCH_ENA
0
Touch Panel Enable
0 = Disabled
1 = Enabled
Note - this bit is reset to 0 when
the OFF power state is entered.
14
TCH_CVT_ENA
0
Touch Panel Conversion Enable
0 = Disabled
1 = Enabled
In automatic mode, conversions
are enabled by setting this bit.
In manual mode (TCH_RATE = 0),
setting this bit will initiate a set of
conversion; the bit is reset
automatically after each set of
measurements.
12
TCH_SLPENA
0
Touch Panel SLEEP Enable
0 = Disabled
1 = Controlled by TCH_ENA
10
TCH_Z_ENA
0
Enables Z-axis touch panel
measurements.
(Z-axis is the pressure axis - 4-
wire only.)
0 = Disabled
1 = Enabled
9
TCH_Y_ENA
0
Enables Y-axis touch panel
measurements
0 = Disabled
1 = Enabled
8
TCH_X_ENA
0
Enables X-axis touch panel
measurements
0 = Disabled
1 = Enabled
7:5
TCH_DELAY [2:0]
010
Settling time between X, Y and Z
measurements. (Nominal timing
only; typically +/-20% of quoted
values.)
000 = 30us
001 = 60us
010 = 120us
011 = 240us
100 = 480us
101 = 960us
110 = 1920us
111 = 3840us
4:0
TCH_RATE [4:0]
0_0000
Touch-panel Conversion Rate
0 = Manual
1 = 16 packets/s
2 = 32 packets/s
3 = 48 packets/s
…
31 = 496 packets/s
R16425 (4029h)
Touch Control 2
13
TCH_PD_WK
0
WAKE transition select for Pen
Down event
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com