Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 134 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 134 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 138Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 302 page
background image
WM8311
Pre-Production
w
PP, May 2012, Rev 3.1
134
Figure 28 X-axis Measurement on 4-wire Touch Panel
Y-axis measurement is performed by applying a potential difference between the Top and Bottom
sides of the touch panel. When contact is made between the two sheets, the voltage present on the
Left or Right connections is a measure of the Y-axis position of the contact. The configuration is
illustrated in Figure 29.
Figure 29 Y-axis Measurement on 4-wire Touch Panel
‘Pen Down’ detection uses a zero-power comparator with an internal, programmable pull-up resistor.
When the touch panel is not being touched, no current flows between the touch panel sheets, and the
comparator output is low. When the touch panel is touched, current flows through the panel and
through the pull-up resistor, and the comparator output goes high. The sensitivity of the circuit can be
adjusted using different values of pull-up resistor; a large pull-up resistance leads to the most
sensitive response. The configuration is illustrated in Figure 30.
Figure 30 Pen-Down Detection on 4-wire Touch Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com