Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 128 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 128 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 132Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
128
23.2.11 UNDERVOLTAGE INTERRUPTS
The primary UV_INT interrupt comprises fourteen secondary interrupts as described in
Section 15.12). The secondary interrupt bits are defined in Table 75.
Each of the secondary interrupts can be masked. When a mask bit is set, the corresponding interrupt
event is masked and does not trigger a UV_INT interrupt. The secondary interrupt bits in R16403
(4013h) and R16404 (4014h) are valid regardless of whether the mask bit is set. The secondary
interrupts are all masked by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16403
(4013h)
Interrupt Status
3
9:0
UV_LDOn_EINT
LDOn Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16404
(4014h)
Interrupt Status
4
3:0
UV_DCm_EINT
DC-DCm Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16411
(401Bh)
Interrupt Status
3 Mask
9:0
IM_UV_LDOn_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
R16412
(401Ch)
Interrupt Status
4 Mask
3:0
IM_UV_DCm_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Notes:
1.
n is a number between 1 and 10 that identifies the individual LDO Regulator (LDO1-LDO10).
2.
m is a number between 1 and 4 that identifies the individual DC-DC Converter (DC1-DC4).
Table 75 Undervoltage Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com