Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 126 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 126 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 130Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
126
23.2.7 POWER PATH MANAGEMENT INTERRUPTS
The primary PPM_INT interrupt comprises a single secondary interrupt as described in Section 17.2.
The secondary interrupt bit is defined in Table 71.
The secondary interrupt can be masked. When the mask bit is set, the corresponding interrupt event
is masked and does not trigger a PPM_INT interrupt. The secondary interrupt bit in R16401 (4011h)
are valid regardless of whether the mask bit is set. The secondary interrupt is masked by default.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
15
PPM_SYSLO_EINT
Power Path SYSLO interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
15
IM_PPM_SYSLO_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 71 Power Path Management Interrupts
23.2.8 REAL TIME CLOCK AND CRYSTAL OSCILLATOR INTERRUPTS
The primary RTC_INT interrupt comprises four secondary interrupts as described in Section 20.3. The
secondary interrupt bits are defined in Table 72.
Each of the secondary interrupts can be masked except for XTAL_TAMPER_EINT, which cannot be
masked. When a mask bit is set, the corresponding interrupt event is masked and does not trigger a
RTC_INT interrupt. The secondary interrupt bits in R16401 (4011h) and R16404 (4014h) are valid
regardless of whether the mask bit is set.
The secondary interrupts are all masked by default, except for XTAL_TAMPER_EINT, which cannot
be masked.
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
3
RTC_PER_EINT
RTC Periodic interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
2
RTC_ALM_EINT
RTC Alarm interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16404
(4014h)
Interrupt Status
4
7
XTAL_START_EINT
Crystal Oscillator Start Failure interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
6
XTAL_TAMPER_EINT
Crystal Oscillator Tamper interrupt
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
3
IM_RTC_PER_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
2
IM_RTC_ALM_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
R16412
(401Ch)
Interrupt Status
4 Mask
7
IM_XTAL_START_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 72 Real Time Clock (RTC) and Crystal Oscillator (XTAL) Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com