Electronic Components Datasheet Search
  English  ▼

X  

SC531 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC531
Description  Triple Low-side FET Driver with Digitally Controlled Current Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC531 Datasheet(HTML) 4 Page - Semtech Corporation

  SC531 Datasheet HTML 1Page - Semtech Corporation SC531 Datasheet HTML 2Page - Semtech Corporation SC531 Datasheet HTML 3Page - Semtech Corporation SC531 Datasheet HTML 4Page - Semtech Corporation SC531 Datasheet HTML 5Page - Semtech Corporation SC531 Datasheet HTML 6Page - Semtech Corporation SC531 Datasheet HTML 7Page - Semtech Corporation SC531 Datasheet HTML 8Page - Semtech Corporation SC531 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SC531
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Digital Section (continued)
Digital Output High
V
OH
CLF, ZVS, ILOAD=7mA
2.64
V
Digital Output Low
V
OL
CLF, ZVS, ILOAD=-7mA
0.66
V
BLANKB pull-up resistance
R
BLANKB
internal pull-up to V
CC
2.
3.3
4.5
kW
SPI CLK Frequency
f
CLK
25
MHz
SPI CLK High & Low Time
t
SPI
5
ns
CSB, DIN to Clock Falling Edge
Setup and Hold Time
t
SH
5
ns
Chip Select Reset Time
t
CSB
0
ns
DAC Section
DAC Response Time
t
RESPONSE
Settling to within LSB
0.5
ms
DAC INL
INL
-

LSB
DAC DNL
DNL
-0.2
0.2
LSB
Voltage Reference
V
REF
VREF/VREFH, HiZ voltmeter
0.245
0.255
V/V
Voltage Reference Buffer Offset
V
BOFFSET
-5
5
mV
Voltage Ref Divider Resistance
R
REF
384
640
896
kW
Current Sense Comparator Section
Current Sense Voltage Range
V
SENSE
0
.2
V
Comparator Offset Voltage
V
COFFSET
-6
6
mV
CSENSE to CLF Propagation Delay
t
CLF
25
40
ns
CSENSE to Driver Output Propaga-
tion Delay
t
DRIV
nF load, 60mV overdrive, 0% to 90% of drive
output
45
70
ns
Driver Section
Driver OUT, OUT2, OUT3
Resistance (Sourcing)
R
DSP,2,3
.5
3
W
Driver OUT, OUT2, OUT3
Resistance (Sinking)
R
DSN,2,3
0.7
.5
W
Rise Time — OUT, OUT2, OUT3
t
RISE,2,3
PVDD=8V, load capacitance=nF
0
ns
Fall Time — OUT, OUT2, OUT3
t
FALL,2,3
PVDD=8V, load capacitance=nF
5
ns
Propagation Delay from IN to
OUT, OUT2
t
PROP,2
PVDD=8V, load capacitance=nF
25
45
ns
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com