Electronic Components Datasheet Search
  English  ▼

X  

SC531 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC531
Description  Triple Low-side FET Driver with Digitally Controlled Current Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC531 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC531 Datasheet HTML 2Page - Semtech Corporation SC531 Datasheet HTML 3Page - Semtech Corporation SC531 Datasheet HTML 4Page - Semtech Corporation SC531 Datasheet HTML 5Page - Semtech Corporation SC531 Datasheet HTML 6Page - Semtech Corporation SC531 Datasheet HTML 7Page - Semtech Corporation SC531 Datasheet HTML 8Page - Semtech Corporation SC531 Datasheet HTML 9Page - Semtech Corporation SC531 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SC531
6
Pin Descriptions
Pin #
Pin Name
Signal Type
Pin Function

A0
Digital input
Address for SPI interface
2
ZVSP
Analog input
ZVS comparator positive input
3
ZVSN
Analog input
ZVS comparator negative input
4
VCC
Power input
Input supply voltage. Connect a 2.2uF bypass capacitor from VCC to
GND.
5
ZVS
Digital output
ZVS comparator output
6
PGND3
GROUND
Driver 3 power ground.
7
OUT3
Power output
Driver 3 output
8
PVDD3
Power input
Driver 3 supply voltage. Connect a 2.2uF bypass capacitor from PVDD3
to PGND3.
9
IN3
Digital input
Driver 3 signal input
0
IN
Digital input
Driver  and 2 signal input

BLANKB
Digital input
Current limit blanking input
2
CLF
Digital output
Current limit flag
3
DAC
Analog output
DAC output
4
VREF
Analog input/output
Reference Voltage
5
VREFL
Analog input
Low reference for VREF resistor divider and DAC. Typically connected to
GND.
6
CSENSE
Analog input
Current sense input
7
VREFH
Analog input
High reference for top of VREF resistor divider
8
GND
GROUND
IC Ground
9
DIN
Digital input
SPI data input
20
CLK
Digital input
SPI clock input
2
CSB
Digital input
SPI chip select input
22
OE2B
Digital input
Driver 2 enable
23
PGND2
GROUND
Driver 2 power ground
24
OUT2
Power output
Driver 2 output
25
PVDD2
Power input
Driver 2 supply voltage. Connect a 2.2uF bypass capacitor from PVDD2
to PGND2.
26
PVDD
Power input
Driver  supply voltage. Connect a 2.2uF bypass capacitor from PVDD
to PGND2.
27
OUT
Power output
Driver  output
28
PGND
GROUND
Driver  power ground
T
Thermal Pad
GROUND
Connected to GND, use multiple thermal vias for heatsinking purposes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com