Electronic Components Datasheet Search
  English  ▼

X  

SC531 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC531
Description  Triple Low-side FET Driver with Digitally Controlled Current Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC531 Datasheet(HTML) 1 Page - Semtech Corporation

  SC531 Datasheet HTML 1Page - Semtech Corporation SC531 Datasheet HTML 2Page - Semtech Corporation SC531 Datasheet HTML 3Page - Semtech Corporation SC531 Datasheet HTML 4Page - Semtech Corporation SC531 Datasheet HTML 5Page - Semtech Corporation SC531 Datasheet HTML 6Page - Semtech Corporation SC531 Datasheet HTML 7Page - Semtech Corporation SC531 Datasheet HTML 8Page - Semtech Corporation SC531 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semtech Corporation
POWER MANAGEMENT

SC531
Triple Low-side FET Driver with
Digitally Controlled Current Limit
Features
Dual 2A Source, 4A Sink FET Drivers
Second Channel Enable
Independent Drive Supplies
Auxiliary 2A Source, 4A Sink FET Driver
Precision Reference Output
Current Limit Reference Output (Analog) Integrated
Current Sense Blanking (Digital Input)
Digitally Controlled High Precision Current Limit
Current Limit Flag
Current Input ZVS Comparator
SPI Communications — 25 MHz
Thermally Enhanced 4x4 (mm) MLPQ-UT-28 Package
Lead-free, Halogen free, and RoHS/WEEE compliant
Applications
Digitally Controlled Power Supplies
Flyback Converter
Boost Converter
Forward Converter
DC-DC and AC-DC Converters With Active Clamp
PFC Converters With ZVT
Constant Current Converter
Description
The SC53 combines three low side drivers with a high
speed digitally programmable current limit and a zero
voltage switching (ZVS) comparator. Two drivers are nor-
mally used to operate the FETs for the power stage. They
can operate separately to drive individual power FETs or
can be combined to drive a single device. A third, auxil-
iary, gate drive is controlled by an independent input and
can be used to drive the FET for an active clamp or ZVT
switching. All three drivers have an independent supply
which allows each drive voltage to be optimized for high
efficiency.
In addition, the SC53 has an SPI interface, 8-bit DAC, and
current limit comparator to provide a high-speed digitally
programmable current limit. This circuitry can be used for
cycle by cycle current limiting or current waveform
shaping. A digital output current limit flag is available for
monitoring by the host controller.
The SC53 also has a current-input ZVS comparator that
can be used to sense changes in high voltage nodes, such
as the power FET drain and inductor node (LX) versus the
power stage supply, (HV
IN in the typical application
circuit).
Typical Application Circuit
Rev 2.0
SC531
GND
VCC
CSENSE
DAC
VREFH
VREF
CSB
BLANKB
CLK
VREFL
OE2B
IN3
A0
ZVS
IN
DIN
47nF
8-bit
DAC
SPI
Interface
1µF
HVIN
3.3V
D2
T1
15pF
180pF*
1kW
200W*
VOP
VON
D1
COUT
2.49W
Q3
Q2
Q1
CLF
PVDD3
PGND3
OUT3
1µF
9V
PVDD2
PGND2
OUT2
1µF
9V
PVDD1
PGND1
OUT1
1µF
9V
ZVSP
ZVSN
1MW
1MW
CIN
C3
*optional


Similar Part No. - SC531

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5310 FAIRVIEW-SC5310 Datasheet
329Kb / 1P
SMP MALE FULL DETENTE SHROUD .354 SPACING
SC5312 FAIRVIEW-SC5312 Datasheet
37Kb / 1P
.004" .045"
REV A
SC5314 FAIRVIEW-SC5314 Datasheet
340Kb / 1P
SMP MALE LIMITED DETENTE SHROUD .328 SPACING
SC5316 FAIRVIEW-SC5316 Datasheet
497Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange
REV 2.0
SC5318 FAIRVIEW-SC5318 Datasheet
589Kb / 3P
SMP Male Full Detent Shroud 2 Hole Flange
REV 2.1
More results

Similar Description - SC531

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8405 ONSEMI-NCV8405 Datasheet
164Kb / 10P
Self-Protected Low Side Driver with Temperature and Current Limit
December, 2009 ??Rev. P0
NCV8408-D ONSEMI-NCV8408-D Datasheet
117Kb / 7P
Self-Protected Low Side Driver with Temperature and Current Limit
December, 2012 ??Rev. 0
NCV8406ASTT1G ONSEMI-NCV8406ASTT1G Datasheet
147Kb / 12P
Self-Protected Low Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 2
NCV8401 ONSEMI-NCV8401_12 Datasheet
134Kb / 10P
Self-Protected Low Side Driver with Temperature and Current Limit
July, 2012 ??Rev. 10
NCV8402ASTT3G ONSEMI-NCV8402ASTT3G Datasheet
128Kb / 10P
Self-Protected Low Side Driver with Temperature and Current Limit
February, 2012 ??Rev. 8
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8408 ONSEMI-NCV8408 Datasheet
160Kb / 9P
Self-Protected Low Side Driver with Temperature and Current Limit
March, 2014 ??Rev. 4
NCV8403ASTT1G ONSEMI-NCV8403ASTT1G Datasheet
150Kb / 12P
Self-Protected Low Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 5
NCV8405A ONSEMI-NCV8405A_V01 Datasheet
255Kb / 12P
Self-Protected Low Side Driver with Temperature and Current Limit
June, 2019 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com