Electronic Components Datasheet Search
  English  ▼

X  

SC531 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC531
Description  Triple Low-side FET Driver with Digitally Controlled Current Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC531 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC531 Datasheet HTML 4Page - Semtech Corporation SC531 Datasheet HTML 5Page - Semtech Corporation SC531 Datasheet HTML 6Page - Semtech Corporation SC531 Datasheet HTML 7Page - Semtech Corporation SC531 Datasheet HTML 8Page - Semtech Corporation SC531 Datasheet HTML 9Page - Semtech Corporation SC531 Datasheet HTML 10Page - Semtech Corporation SC531 Datasheet HTML 11Page - Semtech Corporation SC531 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SC531
8
Typical Characteristics
OUT1, OUT2 Rise Time
IN (2V/div)
VCC = 3.3V, PVDD/2/3 = 7.8V, Load = BSC90N5NS3G
Time (40ns/div)
OUT2 (5V/div)
OE2B (V/div)
OUT1, OUT2 Fall Time
VCC = 3.3V, PVDD/2/3 = 7.8V, Load = BSC90N5NS3G
Time (40ns/div)
OUT3 Rise Time
VCC = 3.3V, PVDD/2/3 = 7.8V, Load = BSC90N5NS3G
Time (40ns/div)
OUT3 Fall Time
VCC = 3.3V, PVDD/2/3 = 7.8V, Load = BSC90N5NS3G
Time (40ns/div)
SPI to DAC Response Time
VCC = 3.3V, PVDD/2/3 = 7.8V
Time (4µs/div)
CLK (5V/div)
LX (50V/div)
OUT1 Current Limit With CLF Flag
IN (2V/div)
VCC = 3.3V, PVDD/2/3 = 7.8V, Emulated CSENSE input
Time (1µs/div)
OUT (5V/div)
OUT (5V/div)
CLF (2V/div)
CSENSE (500mV/div)
DAC (00mV/div)
IN (2V/div)
OUT3 (5V/div)
IN (2V/div)
OUT3 (5V/div)
IN (2V/div)
OUT2 (5V/div)
OE2B (V/div)
OUT (5V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com