Electronic Components Datasheet Search
  English  ▼

X  

SC531 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC531
Description  Triple Low-side FET Driver with Digitally Controlled Current Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC531 Datasheet(HTML) 5 Page - Semtech Corporation

  SC531 Datasheet HTML 1Page - Semtech Corporation SC531 Datasheet HTML 2Page - Semtech Corporation SC531 Datasheet HTML 3Page - Semtech Corporation SC531 Datasheet HTML 4Page - Semtech Corporation SC531 Datasheet HTML 5Page - Semtech Corporation SC531 Datasheet HTML 6Page - Semtech Corporation SC531 Datasheet HTML 7Page - Semtech Corporation SC531 Datasheet HTML 8Page - Semtech Corporation SC531 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SC531
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Driver Section (continued)
Propagation Delay from IN3 to
OUT3
t
PROP3
No load
25
45
ns
OUT
X Minimum On-time
PVDD
X = 8V, COUT = nF
25
00
ns
Driver ,2,3 Switching Frequency
f
,2,3
800
kHz
ZVS Section
ZVSP, ZVSN Offset Current
I
ZVS
0mA < Input current < 40mA
-3
0
3
μA
ZVSP, ZVSN to GND Voltage
V
ZVS
0mA < Input current < 40mA
5
V
Response Time (ZVS falling)
t
ZVS_falling
0mA<Input Current< 40mA, 5mA overdrive
25
40
ns
Response Time (ZVS rising)
t
ZVS_rising
0mA<Input Current< 40mA, 0mA overdrive
0.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com