Electronic Components Datasheet Search
  English  ▼

X  

SC531 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC531
Description  Triple Low-side FET Driver with Digitally Controlled Current Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC531 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC531 Datasheet HTML 6Page - Semtech Corporation SC531 Datasheet HTML 7Page - Semtech Corporation SC531 Datasheet HTML 8Page - Semtech Corporation SC531 Datasheet HTML 9Page - Semtech Corporation SC531 Datasheet HTML 10Page - Semtech Corporation SC531 Datasheet HTML 11Page - Semtech Corporation SC531 Datasheet HTML 12Page - Semtech Corporation SC531 Datasheet HTML 13Page - Semtech Corporation SC531 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SC531
0
Applications Information (continued)
Gate Driver 3
Gate Driver 3 is a third auxiliary gate drive that is controlled
by the IN3 pin, an independent input. It has a separate
power supply (PVDD3) and ground (PGND3) connection.
The output OUT3 is 2A source, 4A sink capable. This
output can be used as a general purpose driver which can
be used to drive the FET for an active clamp or active
snubber. Other uses include driving the FET for soft-
switching ZVT or to drive a secondary PWM output.
Applications
The SC53 is suited for applications which contain a micro-
controller or DSP to control PWM switching. The auxiliary
OUT3 output and the DAC controlled current limit can be
used to implement a variety of switching topologies.
By driving the IN3 input with a signal that is inverted from
the IN input, the OUT3 driver can be used to drive an
external P-channel FET for an active clamp converter. In
addition, the DAC can be programmed to vary in real-time
as a function of the main error voltage from the system
microcontroller. This causes each OUT/2 pulse to termi-
nate when the peak current reaches the real-time DAC
setting, resulting in current-mode operation. Combining
the DAC control with the external P-channel FET circuitry
results in an Active Clamp Current Mode Converter. Refer
to Figure .
The above converter can also be used to provide a pro-
grammable constant current output by setting the DAC to
a constant value. The IN input has a longer duty cycle than
is required to maintain the output, but each OUT/2 pulse
is terminated early by the current limit function. The
average current to the load will equal the peak inductor
current reduced by 50% of the inductor ripple current.
The OUT3 output can be used to drive the FET for a ZVT
switch such as is used in PFC boost converters. The ZVS
comparator can be used to detect when the ZVT FET has
completed its discharge of the main FET by connecting
two additional resistors to the ZVS inputs, R
Z and RZ2, and
resistors RZ3 and RZ4 should be selected to keep the keep
the ZVSP/N input current below 300uA at maximum VIN.
Refer to Figure 2.
PCB Layout Guidelines
Any switch-mode converter requires a good PCB layout to
achieve best performance. The following guidelines
should be followed to produce an optimum PCB layout.
All bypass capacitors should be located close to the pins
which they connect to. Use short, direct copper traces to
connect between the capacitor and the IC pins. Bypass
capacitors should be placed on the same side of the PCB
as the IC. Use a 2.2μF minimum capacitor for all bypassing.
The pins which require bypass capacitors are shown
below:
VCC, GND
PVDD, PGND
PVDD2, PGND2
PVDD3, PGND3
The connections between the PGND pins and the power
FETs should be short and direct, using a ground plane if
available. If vias are required use multiple vias to reduce
impedance between the IC and the FETs. The gate traces
should be short and direct. Use wide, short gate traces to
reduce susceptibility to noise generated by nearby FET
switching. The gate trace routings should avoid any of the
FET drain nodes.
The CSENSE signal should be referenced to GND (analog
ground). A capacitor on the CSENSE input should be
located near the CSENSE pin and connected to GND, and
connected to the IC with short direct traces.
Any VREFH, VREFL, or VREF bypass capacitors should be
placed close to the pins, routed with direct traces, and
connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com