Electronic Components Datasheet Search
  English  ▼

X  

SC531 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC531
Description  Triple Low-side FET Driver with Digitally Controlled Current Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC531 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC531 Datasheet HTML 7Page - Semtech Corporation SC531 Datasheet HTML 8Page - Semtech Corporation SC531 Datasheet HTML 9Page - Semtech Corporation SC531 Datasheet HTML 10Page - Semtech Corporation SC531 Datasheet HTML 11Page - Semtech Corporation SC531 Datasheet HTML 12Page - Semtech Corporation SC531 Datasheet HTML 13Page - Semtech Corporation SC531 Datasheet HTML 14Page - Semtech Corporation SC531 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SC531

Figure 1 — Current-Mode Forward Converter With Active Clamp
SC531
GND
VCC
CSENSE
DAC
VREFH
VREF
CSB
BLANKB
CLK
VREFL
OE2B
IN3
A0
ZVS
IN
DIN
47nF
8-bit DAC
1µF
HVIN
3.3V
D2
T1
180pF
1kW
200W
VOP
VON
D1
COUT
2.49W
Q3
Q2
Q1
CLF
PVDD3
PGND3
OUT3
1µF
9V
PVDD2
PGND2
OUT2
1µF
9V
PVDD1
PGND1
OUT1
1µF
9V
ZVSP
ZVSN
1MW
1MW
CIN
C3
L1
µC
Error
Amp
Function
Leading
Edge
Blanking
3.3V
1W
10kW
1µF
PMOS
Figure 2 — ZVT Switching PFC Boost Converter
SC531
GND
VCC
CSENSE
DAC
VREFH
VREF
CSB
BLANKB
CLK
VREFL
OE2B
IN3
A0
ZVS
IN
DIN
47nF
1µF
3.3V
VBOOST
RSNS
Q2
Q1
CLF
PVDD3
PGND3
OUT3
1µF
9V
PVDD2
PGND2
OUT2
1µF
9V
PVDD1
PGND1
OUT1
1µF
9V
ZVSP
ZVSN
RZ4
RZ3
AC
D1
+
µC
L2
L1
D2
CIN
COUT
Q3
250k
9V
250k
RZ1
RZ2
20k
10M
VAC_IN
VAC_IN
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com