Electronic Components Datasheet Search
  English  ▼

X  

AD1846 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1846
Description  Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1846 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1846 Datasheet HTML 3Page - Analog Devices AD1846 Datasheet HTML 4Page - Analog Devices AD1846 Datasheet HTML 5Page - Analog Devices AD1846 Datasheet HTML 6Page - Analog Devices AD1846 Datasheet HTML 7Page - Analog Devices AD1846 Datasheet HTML 8Page - Analog Devices AD1846 Datasheet HTML 9Page - Analog Devices AD1846 Datasheet HTML 10Page - Analog Devices AD1846 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD1846
REV. A
–7–
PIN DESCRIPTION
Parallel Interface
Pin Name
PLCC
I/O
Description
CDRQ
12
O
Capture Data Request. The assertion of this signal indicates that the Codec has a captured
audio sample from the ADC ready for transfer. This signal will remain asserted until all the
bytes from the capture buffer have been transferred.
CDAK
11
I
Capture Data Acknowledge. The assertion of this active LO signal indicates that the RD
cycle occurring is a DMA read from the capture buffer.
PDRQ
14
O
Playback Data Request. The assertion of this signal indicates that the Codec is ready for
more DAC playback data. The signal will remain asserted until all the bytes needed for a
playback sample have been transferred.
PDAK
13
I
Playback Data Acknowledge. The assertion of this active LO signal indicates that the WR
cycle occurring is a DMA write to the playback buffer.
ADR1:0
9 & 10
I
Codec Addresses. These address pins are asserted by the Codec interface logic during a con-
trol register/PIO access. The state of these address lines determine which register is accessed.
RD
60
I
Read Command Strobe. This active LO signal defines a read cycle from the Codec. The
cycle may be a read from the control/PIO registers, or the cycles could be a read from the
Codec’s DMA sample registers.
WR
61
I
Write Command Strobe. This active LO signal indicates a write cycle to the Codec. The
cycle may be a write to the control/PIO registers, or the cycle could be a write to the Codec’s
DMA sample registers.
CS
59
I
AD1846 Chip Select. The Codec will not respond to any control/PIO cycle accesses unless
this active LO signal is LO. This signal is ignored during DMA transfers.
DATA7:0
3–6 &
I/O
Data Bus. These pins transfer data and control information between the Codec and the host.
65–68
DBEN
63
O
Data Bus Enable. This pin enables the external bus drivers. This signal is normally HI.
For control register/PIO cycles,
DBEN
= (WR OR RD) AND CS
For DMA cycles,
DBEN
= (WR OR RD) AND (PDAK OR CDAK)
DBDIR
62
O
Data Bus Direction. This pin controls the direction of the data bus transceiver. HI enables
writes from the host to the AD1846; LO enables reads from the AD1846 to the host bus.
This signal is normally HI.
For control register/PIO cycles,
DBDIR = RD AND CS
For DMA cycles,
DBDIR = RD AND (PDAK OR CDAK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com