Electronic Components Datasheet Search
  English  ▼

X  

AD1846 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1846
Description  Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1846 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1846 Datasheet HTML 7Page - Analog Devices AD1846 Datasheet HTML 8Page - Analog Devices AD1846 Datasheet HTML 9Page - Analog Devices AD1846 Datasheet HTML 10Page - Analog Devices AD1846 Datasheet HTML 11Page - Analog Devices AD1846 Datasheet HTML 12Page - Analog Devices AD1846 Datasheet HTML 13Page - Analog Devices AD1846 Datasheet HTML 14Page - Analog Devices AD1846 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD1846
REV. A
–11–
Index
Register Name
0
Left Input Control
1
Right Input Control
2
Left Aux #1 Input Control
3
Right Aux #1 Input Control
4
Left Aux #2 Input Control
5
Right Aux #2 Input Control
6
Left Output Control
7
Right Output Control
8
Clock and Data Format
9
Interface Configuration
10
Pin Control
11
Test and Initialization
12
Miscellaneous Information
13
Digital Mix
14
Upper Base Count
15
Lower Base Count
CONTROL REGISTERS
Control Register Architecture
The AD1846 SoundPort Stereo Codec accepts both data and
control information through its byte-wide parallel port. Indirect
addressing minimizes the number of external pins required to
access all 21 of its byte-wide internal registers. Only two exter-
nal address pins, ADR1:0, are required to accomplish all data
and control transfers. These pins select one of five direct regis-
ters. (ADR1:0 = 3 addresses two registers, depending on
whether the transfer is a playback or a capture.)
ADR1:0
Register Name
0
Index Address Register
1
Indexed Data Register
2
Status Register
3
PIO Data Registers
Figure 4. Direct Register Map
A write to or a read from the Indexed Data Register will access
the indirect register which is indexed by the value most recently
written to the Index Address Register. The Status Register and
the PIO Data Register are always accessible directly, without in-
dexing. The 16 indirect registers are indexed in Figure 5.
Direct Registers:
ADR1:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
0
INIT
MCE
TRD
res
IXA3
IXA2
IXA1
IXA0
1
IXD7
IXD6
IXD5
IXD4
IXD3
IXD2
IXD1
IXD0
2
CU/L
CL/R
CRDY
SOUR
PU/L
PL/R
PRDY
INT
3
CD7
CD6
CD5
CD4
CD3
CD2
CD1
CD0
3
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Indirect Registers:
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
0
LSS1
LSS0
LMGE
res
LIG3
LIG2
LIG1
LIG0
1
RSS1
RSS0
RMGE
res
RIG3
RIG2
RIG1
RIG0
2
LMX1
res
res
LX1A4
LX1A3
LX1A2
LX1A1
LX1A0
3
RMX1
res
res
RX1A4
RX1A3
RX1A2
RX1A1
RX1A0
4
LMX2
res
res
LX2A4
LX2A3
LX2A2
LX2A1
LX2A0
5
RMX2
res
res
RX2A4
RX2A3
RX2A2
RX2A1
RX2A0
6
LDM
res
LDA5
LDA4
LDA3
LDA2
LDA1
LDA0
7
RDM
res
RDA5
RDA4
RDA3
RDA2
RDA1
RDA0
8
res
FMT
C/L
S/M
CFS2
CFS1
CFS0
CSS
9
CPIO
PPIO
res
res
ACAL
SDC
CEN
PEN
1 0
XCTL1
XCTL0
res
res
res
res
IEN
res
1 1
COR
PUR
ACI
DRS
ORR1
ORR0
ORL1
ORL0
1 2
res
res
res
res
ID3
ID2
ID1
ID0
1 3
DMA5
DMA4
DMA3
DMA2
DMA1
DMA0
res
DME
1 4
UB7
UB6
UB5
UB4
UB3
UB2
UB1
UB0
1 5
LB7
LB6
LB5
LB4
LB3
LB2
LB1
LB0
Figure 6. Register Summary
Note that the only sticky bit in any of the AD1846 control registers is the interrupt (INT) bit. All other bits change with every
sample period.
Figure 5. Indirect Register Map
A detailed map of all direct and indirect register contents is
summarized for reference as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com