Electronic Components Datasheet Search
  English  ▼

X  

AD1846 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1846
Description  Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1846 Datasheet(HTML) 2 Page - Analog Devices

  AD1846 Datasheet HTML 1Page - Analog Devices AD1846 Datasheet HTML 2Page - Analog Devices AD1846 Datasheet HTML 3Page - Analog Devices AD1846 Datasheet HTML 4Page - Analog Devices AD1846 Datasheet HTML 5Page - Analog Devices AD1846 Datasheet HTML 6Page - Analog Devices AD1846 Datasheet HTML 7Page - Analog Devices AD1846 Datasheet HTML 8Page - Analog Devices AD1846 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REV. A
–2–
AD1846–SPECIFICATIONS
STANDARD TEST CONDITIONS UNLESS OTHERWISE NOTED
DAC Output Conditions
Post-Autocalibrated
Temperature
25
°C
0 dB Attenuation
Digital Supply (VDD)
5.0
V
Full Scale (0 dB)
Analog Supply (VCC)
5.0
V
16-Bit Linear Mode
Word Rate (FS )
48
kHz
No Output Load
Input Signal
1007
Hz
Mute Off
Analog Output Passband
20 Hz to 20 kHz
ADC Input Conditions
FFT Size
4096
Post-Autocalibrated
VIH
2.4
V
0 dB Gain
VIL
0.8
V
–1.0 dB Relative to Full Scale
VOH
2.4
V
Line Input
VOL
0.4
V
16-Bit Linear Mode
Inputs Driven with Low Impedance (
≈ 50 Ω) Source
ANALOG INPUT
Min
Typ
Max
Units
Full Scale Input Voltage (RMS Values Assume Sine Wave Input)
Line
1
V rms
2.5
2.8
3.1
V p-p
Mic
1
V rms
MGE = 0
2.5
2.8
3.1
V p-p
MGE = 1
0.29
0.36
0.43
V p-p
Input Impedance
100
k
Ω
Input Capacitance
15
pF
PROGRAMMABLE GAIN AMPLIFIER—ADC
Min
Typ
Max
Units
Step Size (0 dB to 22.5 dB)
1.0
1.5
2.0
dB
(All Steps Tested)
PGA Gain Range Span
21.0
22.5
24.0
dB
AUXILIARY INPUT ANALOG AMPLIFIERS/ATTENUATORS
Min
Typ
Max
Units
Step Size (+12 dB to –28.5 dB, Referenced to DAC Full Scale)
1.3
1.5
1.7
dB
(–30 dB to –34.5 dB, Referenced to DAC Full Scale)
1.0
1.5
2.0
dB
Auxiliary Gain/Attenuation Range Span
45.5
46.5
47.5
dB
Auxiliary Input Impedance*
10
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com