Electronic Components Datasheet Search
  English  ▼

X  

AD1846 Datasheet(PDF) 18 Page - Analog Devices

Part # AD1846
Description  Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1846 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1846 Datasheet HTML 14Page - Analog Devices AD1846 Datasheet HTML 15Page - Analog Devices AD1846 Datasheet HTML 16Page - Analog Devices AD1846 Datasheet HTML 17Page - Analog Devices AD1846 Datasheet HTML 18Page - Analog Devices AD1846 Datasheet HTML 19Page - Analog Devices AD1846 Datasheet HTML 20Page - Analog Devices AD1846 Datasheet HTML 21Page - Analog Devices AD1846 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD1846
REV. A
–18–
Interface Configuration Register (IXA3:0 = 9)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
9
CPIO
PPIO
res
res
ACAL
SDC
CEN
PEN
The contents of the Interface Configuration Register cannot be changed except when the AD1846 is in Mode Change Enable (MCE) state.
Write attempts to this register when the AD1846 is not in the MCE state will not be successful. PEN and CEN are exceptions; these bits may al-
ways be written.
PEN
Playback Enable. This bit will enable the playback of data in the format selected. The AD1846 will generate PDRQ and
respond to PDAK signals when this bit is enabled and PPIO = 0. If PPIO = 1, this bit enables Programmed I/O (PIO)
playback mode. PEN may be set and reset without setting the MCE bit.
0
Playback disabled (PDRQ and PIO Playback Data Register inactive)
1
Playback enabled
CEN
Capture Enable. This bit will enable the capture of data in the format selected. The AD1846 will generate CDRQ and re-
spond to CDAK signals when this bit is enabled and CPIO = 0. If CPIO = 1, this bit enables PIO capture mode. CEN
may be set and reset without setting the MCE bit.
0
Capture disabled (CDRQ and PIO Capture Data Register inactive)
1
Capture enabled
SDC
Single DMA Channel. This bit will force both capture and playback DMA requests to occur on the Playback DMA chan-
nel. The Capture DMA CDRQ pin will be LO. This bit will allow the AD1846 to be used with only one DMA channel.
Simultaneous capture and playback cannot occur in this mode. Should both capture and playback be enabled
(CEN = PEN = 1) in the mode, only playback will occur. See “Data and Control Transfers” for further explanation.
0
Dual DMA channel mode
1
Single DMA channel mode
ACAL
Autocalibrate Enable. This bit determines whether the AD1846 performs an autocalibrate whenever the PWRDWN pin is
deasserted or from the Mode Change Enable (MCE) bit being reset. ACAL is normally set. See “Autocalibration” below
for a description of a complete autocalibration sequence.
0
No autocalibration
1
Autocalibration after power down/reset or mode change
res
Reserved for future expansion. Always write zeros to these bits.
PPIO
Playback PIO Enable. This bit determines whether the playback data is transferred via DMA or PIO.
0
DMA transfers only
1
PIO transfers only
CPIO
Capture PIO Enable. This bit determines whether the capture data is transferred via DMA or PIO.
0
DMA transfers only
1
PIO transfers only
This register’s initial state after reset is “00xx 1000.”
Pin Control Register (IXA3:0 = 10)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
1 0
XCTL1
XCTL0
res
res
res
res
IEN
res
res
Reserved for future expansion. Always write zeros to these bits.
IEN
Interrupt Enable. This bit enables the interrupt pin. The Interrupt Pin will go active HI when the number of samples pro-
grammed in the Base Count Register is reached.
0
Interrupt disabled
1
Interrupt enabled
XCTL1:0 External Control. The state of these independent bits is reflected on the respective XCTL1:0 pins of the AD1846.
0
TTL Logic LO on XCTL1:0 pins
1
TTL Logic HI on XCTL1:0 pins
This register’s initial state after reset is “00xx xx0x.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com