Electronic Components Datasheet Search
  English  ▼

X  

AD1846 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1846
Description  Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1846 Datasheet(HTML) 3 Page - Analog Devices

  AD1846 Datasheet HTML 1Page - Analog Devices AD1846 Datasheet HTML 2Page - Analog Devices AD1846 Datasheet HTML 3Page - Analog Devices AD1846 Datasheet HTML 4Page - Analog Devices AD1846 Datasheet HTML 5Page - Analog Devices AD1846 Datasheet HTML 6Page - Analog Devices AD1846 Datasheet HTML 7Page - Analog Devices AD1846 Datasheet HTML 8Page - Analog Devices AD1846 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DIGITAL DECIMATION AND INTERPOLATION FILTERS*
Min
Max
Units
Passband
0
0.4
FS
Hz
Passband Ripple
±0.1
dB
Transition Band
0.4
FS
0.6
FS
Hz
Stopband
0.6
FS
∞
Hz
Stopband Rejection
74
dB
Group Delay
30/FS
Group Delay Variation Over Passband
0.0
µs
ANALOG-TO-DIGITAL CONVERTERS
Min
Typ
Max
Units
Resolution
16
Bits
Dynamic Range (–60 dB Input,
70
75
dB
THD+N Referenced to Full Scale, A-Weighted)
THD+N (Referenced to Full Scale)
0.02
%
–72
–70
dB
Signal-to-Intermodulation Distortion
83
dB
ADC Crosstalk*
Line Inputs (Input L, Ground R, Read R;
–80
dB
Input R, Ground L, Read L)
Line to MIC (Input LINE, Ground and
–80
dB
Select MIC, Read Both Channels)
Line to AUX1
–80
dB
Line to AUX2
–80
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch
±0.5
dB
(Difference of Gain Errors)
ADC Offset Error
12
mV
DIGITAL-TO-ANALOG CONVERTERS
Min
Typ
Max
Units
Resolution
16
Bits
Dynamic Range (–60 dB Input,
80
83
dB
THD+N Referenced to Full Scale, A-Weighted)
THD+N (Referenced to Full Scale)
0.02
%
–73
–70
dB
Signal-to-Intermodulation Distortion
86
dB
Gain Error (Full-Scale Span Relative to Nominal Output Voltage)
±10
%
Interchannel Gain Mismatch
±0.5
dB
(Difference of L and R Gain Errors)
DAC Crosstalk* (Input L, Zero R, Measure
–80
dB
R_OUT; Input R, Zero L, Measure L_OUT)
Total Out-of-Band Energy*
–50
dB
(Measured from 0.6
FS to 96 kHz)
Audible Out-of-Band Energy*
–70
dB
(Measured from 0.6
FS to 20 kHz, Tested at 5.5 kHz)
*Guaranteed Not Tested.
Specifications subject to change without notice.
AD1846
REV. A
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com