Electronic Components Datasheet Search
  English  ▼

X  

AD1846 Datasheet(PDF) 24 Page - Analog Devices

Part # AD1846
Description  Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1846 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1846 Datasheet HTML 20Page - Analog Devices AD1846 Datasheet HTML 21Page - Analog Devices AD1846 Datasheet HTML 22Page - Analog Devices AD1846 Datasheet HTML 23Page - Analog Devices AD1846 Datasheet HTML 24Page - Analog Devices AD1846 Datasheet HTML 25Page - Analog Devices AD1846 Datasheet HTML 26Page - Analog Devices AD1846 Datasheet HTML 27Page - Analog Devices AD1846 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD1846
REV. A
–24–
DMA Interrupt
Writing to the internal 16-bit Base Count Register sets up the
count value for the number of samples to he transferred. Note
that the number of bytes transferred for a given count will be a
function of the selected global data format. The internal Cur-
rent Count Register is updated with the current contents of the
Upper and Lower Base Count Registers when a write occurs to
the Upper Base Count Register.
The Current Count Register cannot be read by the host. Read-
ing the Base Count Registers will only read back the initializa-
tion values written to them.
The Current Count Register is decremented every sample pe-
riod when either the PEN or CEN bit is enabled and also either
the Transfer Request Disable (TRD) bit or the Interrupt Status
(INT) bit is zero. An interrupt event is generated after the Cur-
rent Count Register is zero and an additional playback sample is
transferred. The INT bit in the Status Register always reflects
the current internal interrupt state defined above. The external
INT pin will only go active HI if the Interrupt Enable (IEN) bit
in the Interface Configuration Register is set. If the IEN bit is
zero, the external INT pin will always stay LO, even though the
Status Register’s INT bit may be set.
POWER UP AND RESET
The PWRDWN pin should be held in its active LO state when
power is first applied to the AD1846. Analog Devices recom-
mends waiting one full second after deasserting PWRDWN be-
fore commencing audio activity with the AD1846. This will
allow the analog outputs to fully settle to the VREF voltage level
prior to system autocalibration. At any point when powered, the
AD1846 can be put into a state for minimum power consump-
tion by asserting PWRDWN LO. All analog and digital sections
are shut down. The AD1846’s parallel interface does not func-
tion; all bidirectional signal lines are in high impedance state.
Deasserting PWRDWN by bringing it HI begins the AD1846’s
initialization. While initializing, the AD1846 ignores all writes
and all reads will yield “1000 0000 (80h).” At the conclusion of
reset initialization, all registers will be set to their default values
as listed in “Control Registers” above. The conclusion of the
initialization period can be detected by polling the index register
for some value other than “1000 0000 (80h).”
It is imperative to autocalibrate on power up for proper opera-
tion. See next section.
AUTOCALIBRATION
The AD1846 can calibrate its ADCs and DACs to minimize dc
offsets. Autocalibration occurs whenever the AD1846 returns
from the Mode Change Enable state and the ACAL bit in the
Interface Configuration register has been set. If the ACAL bit is
not set, the RAM normally containing ADC and DAC offset
compensations will he saved, retaining the offsets of the most re-
cent autocalibration. Therefore, it is imperative to autocalibrate
on power up for proper operation.
The completion of autocalibration can be determined by polling
the Autocalibrate-In-Progress (ACI) bit in the Test and Initial-
ization Register, which will be set during autocalibration. Trans-
fers enabled during autocalibration do not begin until the
completion of autocalibration.
The following summarizes the procedure for autocalibration:
• Mute left and right AUX1 and AUX2 inputs, and digital mix.
(It is unnecessary to mute the DAC outputs, as this will hap-
pen automatically.)
• Set the Mode Change Enable (MCE) bit.
• Set the Autocalibration (ACAL) bit.
• Clear the Mode Change Enable (MCE) bit.
• The Autocalibrate-In-Progress (ACI) bit will transition from
LO to HI within five sample periods. It will remain HI for
approximately 384 sample periods. Poll the ACI bit until it
transitions from HI to LO.
• Set to desired gain/attenuation values, and unmute DAC
outputs (if muted), AUX inputs, and digital mix.
During the autocalibration sequence, data output from the
ADCs is meaningless. Inputs to the DACs are ignored. Even if
the user specified the muting of all analog outputs, near the end
of the autocalibration sequence, analog outputs very close to
VREF will be produced at the line output.
CHANGING SAMPLE RATES
To change the selection of the current sample rate requires a
Mode Change Enable sequence since the bits which control that
selection are in the Clock and Data Format Register. The fact
that the clocks change requires a special sequence which is sum-
marized as follows:
• If autocalibration will take place at the end of this sequence,
then mute AUX1 and AUX2 inputs and the digital mix.
• Set the Mode Change Enable (MCE) bit.
• In a single write cycle, change the Clock Frequency Divide
Select (CFS2:0) and/or the Clock Source Select (CSS).
• The AD1846 now needs to resynchronize its internal states to
the new clock. Writes to the AD1846 will be ignored. Reads
will produce “1000 0000 (80h)” until the resynchronization is
complete. Poll the Index Register until something other than
this value is returned.
• Clear the Mode Change Enable (MCE) bit.
• If ACAL is set, follow the procedure described in
“Autocalibration” above.
• Poll the ACI bit until it transitions LO (approximately 128
sample cycles).
• Set to desired gain/attenuation values, and unmute DAC out-
puts (if muted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com