Electronic Components Datasheet Search
  English  ▼

X  

AD1848 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1848
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1848 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1848 Datasheet HTML 4Page - Analog Devices AD1848 Datasheet HTML 5Page - Analog Devices AD1848 Datasheet HTML 6Page - Analog Devices AD1848 Datasheet HTML 7Page - Analog Devices AD1848 Datasheet HTML 8Page - Analog Devices AD1848 Datasheet HTML 9Page - Analog Devices AD1848 Datasheet HTML 10Page - Analog Devices AD1848 Datasheet HTML 11Page - Analog Devices AD1848 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD1848K
REV. 0
–8–
Analog Signals
Pin Name
PLCC
TQFP
I/O
Description
L_LINE
30
21
I
Left Line Input. Line level input for the left channel.
R_LINE
27
18
I
Right Line Input. Line level input for the right channel.
L_MIC
29
20
I
Left Microphone Input. Microphone input for the left channel. This signal
can be either line level or –20 dB from line level.
R_MIC
28
19
I
Right Microphone Input. Microphone input for the right channel. This
signal can be either line level or –20 dB from line level.
L_AUX1
39
30
I
Left Auxiliary #1 Line Input
R_AUX1
42
33
I
Right Auxiliary #1 Line Input
L_AUX2
38
29
I
Left Auxiliary #2 Line Input
R_AUX2
43
34
I
Right Auxiliary #2 Line Input
L_OUT
40
31
O
Left Line Level Output
R_OUT
41
32
O
Right Line Level Output
Miscellaneous
Pin Name
PLCC
TQFP
I/O
Description
XTAL1I
17
8
I
24.576 MHz Crystal #1 Input
XTAL1O
18
9
O
24.576 MHz Crystal #1 Output
XTAL2I
21
12
I
16.9344 MHz Crystal #2 Input
XTAL2O
22
13
O
16.9344 MHz Crystal #2 Output
PWRDWN
23
14
I
Power-Down Signal. Active LO control places AD1848K in its lowest
power consumption mode. All sections of the AD1848K, including the
digital interface, are shut down and consume minimal power.
INT
57
44
O
Host Interrupt Pin. This signal is used to notify the host that the DMA
Current Count Register has underflowed.
XCTL1:O
56 & 58
43 & 45
O
External Control. These signals reflect the current status of register bits
inside the AD1848K. They can be used for signaling or to control external
logic.
VREF
32
23
O
Voltage Reference. Nominal 2.25 volt reference available for dc-coupling
and level-shifting. VREF should not be used where it will sink or source
current.
VREF_F
33
24
I
Voltage Reference Filter. Voltage reference filter point for external
bypassing only.
L_FILT
31
22
I
Left Channel Filter Input. This pin requires a 1.0
µF capacitor to analog
ground for proper operation.
R_FILT
26
17
I
Right Channel Filter Input. This pin requires a 1.0
µF capacitor to analog
ground for proper operation.
N/C
46–52, 55
37–39, 42
No Connect. Do not connect.
Power Supplies
Pin Name
PLCC
TQFP
I/O
Description
VCC
35 & 36
26 & 27
I
Analog Supply Voltage (+5 V)
GNDA
34 & 37
25 & 28
I
Analog Ground
VDD
1, 7, 15, 19,
6, 10, 15, 36,
I
Digital Supply Voltage (+5 V)
24, 45, 54
41, 56
GNDD
2, 8, 16, 20,
7, 11, 16, 35,
I
Digital Ground
25, 44, 53, 64
40, 51, 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com