Electronic Components Datasheet Search
  English  ▼

X  

AD1848 Datasheet(PDF) 22 Page - Analog Devices

Part # AD1848
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1848 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD1848 Datasheet HTML 18Page - Analog Devices AD1848 Datasheet HTML 19Page - Analog Devices AD1848 Datasheet HTML 20Page - Analog Devices AD1848 Datasheet HTML 21Page - Analog Devices AD1848 Datasheet HTML 22Page - Analog Devices AD1848 Datasheet HTML 23Page - Analog Devices AD1848 Datasheet HTML 24Page - Analog Devices AD1848 Datasheet HTML 25Page - Analog Devices AD1848 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD1848K
REV. 0
–22–
For read/capture cycles, the AD1848K will place data on the
DATA7:0 lines while the host is asserting the read strobe, RD,
by holding it LO. For write/playback, the host must place data
on the DATA7:0 pins while strobing the WR signal LO. The
AD1848K latches the write/playback data on the rising edge of
the WR strobe.
When using PIO data transfers, the Status Register must be
polled to determine when data should be transferred. Note that
the ADC capture data will be ready (CRDY HI) from the previ-
ous sample period shortly before the DAC playback data is
ready (PRDY HI) for the next sample period. The user should
not wait for both ADCs and DACs to become ready before initi-
ating data transfers. Instead, as soon as capture data is ready, it
should be read; as soon as the DACs are ready, playback data
should be written.
Values written to the XCTL1:0 bits in the Pin Control Register
(IXA3:0 = 10) will be reflected in the state of the XCTL1:0 ex-
ternal output pins. This feature allows a simple method for sig-
naling or software control of external logic. Changes in state of
the external XCTL pins will occur within one sample period.
Because their change is referenced to the internal sample clock,
no useful timing diagram can be constructed.
Direct Memory Access (DMA) Transfers
The second type of bus cycle supported by the AD1848K are
DMA transfers. Both dual channel and single channel DMA op-
erations are supported. To enable Playback DMA transfers,
playback enable (PEN) must be set and PPIO cleared. To en-
able Capture DMA transfers, capture enable (CEN) must be set
and CPIO cleared. During DMA transfers, the AD1848K as-
serts HI the Capture Data Request (CDRQ) or the Playback
Data Request (PDRQ) followed by the host’s asserting LO the
DMA Capture Data Acknowledge (CDAK) or Playback Data
Acknowledge (PDAK), respectively. The host’s asserted
Acknowledge signals cause the AD1848K to perform DMA
transfers. The input address lines, ADR1:0, are ignored. Data is
transferred between the proper internal sample registers.
The read strobe (RD) and write strobe (WR) delimit valid data
for DMA transfers. Chip select (CS) is a “don’t care”; its state
is ignored by the AD1848K.
The AD1848K asserts the Data Request Signals, CDRQ and
PDRQ, at the rate of once per sample period, where PDRQ is
asserted near the beginning of an internal sample period and
CDRQ is asserted late in the same period to maximize the avail-
able processing time. Once asserted, these signals will remain
active HI until the corresponding DMA cycle occurs with the
host’s Data Acknowledge signals. The Data Request signals will
be deasserted after the falling edge of the final RD or WD strobe
in the transfer of a sample, which typically consists of multiple
bytes. See “Data Ordering” above for a definition of “sample.”
DMA transfers may be independently aborted by resetting the
Capture Enable (CEN) and/or Playback Enable (PEN) bits in
the Interface Configuration Register. The current capture
sample transfer will be completed if a capture DMA is termi-
nated. The current playback sample transfer must be completed
if a playback DMA is terminated. If CDRQ and/or PDRQ are
asserted HI while the host is resetting CEN and/or PEN, the re-
quest must be acknowledged. The host must assert CDAK and/
or PDAK LO and complete a final sample transfer.
Single-Channel DMA
Single-Channel DMA mode allows the AD1848K to be used in
systems with only a single DMA channel. It is enabled by setting
the SDC bit in the Interface Configuration Register. All cap-
tures and playbacks take place on the playback channel. Obvi-
ously, the AD1848K cannot perform a simultaneous capture
and playback in Single-Channel DMA mode.
Playback will occur in single-channel DMA mode exactly as it
does in Two-Channel mode. Capture, however, is diverted to
the playback channel which means that the capture data request
occurs on the PDRQ pin and the capture data acknowledge
must be received on the PDAK pin. The CDRQ pin will remain
inactive LO. Any inputs to CDAK will be ignored.
Playback and capture are distinguished in Single-Channel DMA
mode by the state of the playback enable (PEN) or capture en-
able (CEN) control bits. If both PEN and CEN are set in
Single-Channel DMA mode, playback will be presumed.
To avoid confusion of the origin of a request when switching be-
tween playback and capture in Single-Channel DMA mode,
both CEN and PEN should be disabled and all pending re-
quests serviced before enabling the alternative enable bit.
Switching between playback and capture in Single-Channel
DMA mode no longer requires changing the PPIO and CPIO
bits or passing through the Mode Change Enable state except
for initial setup. For setup, assign zeros to both PPIO and
CPIO. This configures both playback and capture for DMA.
Then, switching between playback and capture can be effected
entirely by setting and clearing the PEN and CEN control bits,
a technique which avoids having to enter the Mode Change
Enable state.
DMA Timing
Below, timing parameters are shown for 8-Bit Mono Sample
Read/Capture and Write/Playback DMA transfers in Figures 13
and 14. Note that in single-channel DMA mode, the Read/
Capture cycle timing shown in Figure 13 applies to the PDRQ
and PDAK signals, rather than the CDRQ and CDAK signals
as shown. The same timing parameters apply to multibyte trans-
fers. The relationship between timing signals is shown in Fig-
ures 15 and 16.
The Host Interrupt Pin (INT) will go HI during the sample
period in which the Current Count Register underflows. This
event is referenced to the internal sample period clock which is
not available externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com