Electronic Components Datasheet Search
  English  ▼

X  

AD1848 Datasheet(PDF) 25 Page - Analog Devices

Part # AD1848
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1848 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD1848 Datasheet HTML 20Page - Analog Devices AD1848 Datasheet HTML 21Page - Analog Devices AD1848 Datasheet HTML 22Page - Analog Devices AD1848 Datasheet HTML 23Page - Analog Devices AD1848 Datasheet HTML 24Page - Analog Devices AD1848 Datasheet HTML 25Page - Analog Devices AD1848 Datasheet HTML 26Page - Analog Devices AD1848 Datasheet HTML 27Page - Analog Devices AD1848 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD1848K
REV. 0
–25–
APPLICATIONS CIRCUITS
The AD1848K Stereo Codec has been designed to require a
minimum of external circuitry. The recommended circuits are
shown in Figures 17 through 25. Analog Devices estimates that
the total cost of all the components shown in these figures, in-
cluding crystals but not including connectors, to be less than
$10 in the U.S.A. in 10,000 quantities.
See Figure 1 for an illustration of the connection between the
AD1848K SoundPort Codec and the Industry Standard Archi-
tecture (ISA) computer bus, also known as the “PC-AT bus.”
Note that the 74_245 transceiver receives its enable and direc-
tion signals directly from the Codec. Analog Devices recom-
mends using the “slowest” 74_245 adequately fast to meet all
AD1848K and computer bus timing and drive requirements. So
doing will minimize switching transients of the 74_245. This in
turn will minimize the digital feedthrough effects of the trans-
ceiver when driving the AD1848K, which can cause the audio
noise floor to rise.
Industry-standard compact disc “line-levels” are 2 V rms cen-
tered around analog ground. (For other audio equipment, “line
level” is much more loosely defined.) The AD1848K SoundPort
is a +5 V only powered device. Line level voltage swings for the
AD1848K are defined to be 1 V rms for a sine wave ADC input
and 0.707 V rms for a sine wave DAC output. Thus, 2 V rms
input analog signals must be attenuated and either centered
around the reference voltage intermediate between 0 V and
+5 V or ac-coupled. The VREF pin will be at this intermediate
voltage, nominally 2.25 V. It has limited drive but can be used
as a dc bias to an op amp input. Note, however, that dc-coupled
inputs are not recommended, as they provide no performance
benefits with the AD1848K architecture. Furthermore, dc offset
differences between multiple dc-coupled inputs create the
potential for “clicks” when changing the input mux selection.
A circuit for 2 V rms line-level inputs and auxiliaries is shown in
Figure 17. Note that this is a divide-by-two resistive divider.
The input resistor and 560 pF capacitor provides the single-pole
of anti-alias filtering required for the ADCs. If line-level inputs
are already at the 1 V rms levels expected by the AD1848K, the
resistors in parallel with the 560 pF capacitors can be omitted.
5.1k
5.1k
560pF
L_LINE
L_AUX1
L_AUX2
0.33
µF
NPO
5.1k
5.1k
560pF
R_LINE
R_AUX1
R_AUX2
0.33
µF
NPO
Figure 17. AD1848K 2 V rms Line-Level Input Circuit
The AD1848K Codec contains an optional +20 dB gain block
to accommodate condenser microphones. Particular system re-
quirements will depend upon the characteristics of the intended
microphone. Figure 18 illustrates one example of how an elec-
tret condenser mike requiring phantom power could be con-
nected to the AD1848K. VREF is shown buffered by an op amp;
a transistor like a 2N4124 will also work fine for this purpose.
Note that if a battery-powered microphone is used, the buffer
and R2s are not needed. The values of R1, R2, and C should be
chosen in light of the mic characteristics and intended gain.
Typical values for these might be R1 = 20 kΩ, R2 = 2 kΩ, and
C = 220 pF.
5.1k
1
µF
1/2 SSM-2135
OR AD820
L_MIC
V
REF
LEFT ELECTRET
CONDENSER
MICROPHONE
INPUT
5.1k
C
1
µF
R_MIC
RIGHT ELECTRET
CONDENSER
MICROPHONE
INPUT
1/2 SSM-2135
OR AD820
1/2 SSM-2135
OR AD820
R
1
C
V
REF
R
1
R
2
R
2
0.33
µF
0.33
µF
Figure 18. AD1848K "Phantom-Powered" Microphone
Input Circuit
Figure 19 shows ac-coupled line outputs. The resistors are used
to center the output signals around analog ground. If
dc-coupling is desired, VREF could be used with op amps as
mentioned previously.
1
µF
47k
L_OUT
1
µF
47k
R_OUT
Figure 19. AD1848K Line Output Connections
A circuit for headphone drive is illustrated in Figure 20. Drive is
supplied by +5 V operational amplifiers. The circuit shown ac
couples the line output to the headphones.
HEADPHONE
LEFT
HEADPHONE
RIGHT
L_OUT
R_OUT
470
µF
20k
SSM-2135
V
REF
18k
18k
470
µF
20k
Figure 20. AD1848K Headphone Drive Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com