Electronic Components Datasheet Search
  English  ▼

X  

AD1848 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1848
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1848 Datasheet(HTML) 4 Page - Analog Devices

  AD1848 Datasheet HTML 1Page - Analog Devices AD1848 Datasheet HTML 2Page - Analog Devices AD1848 Datasheet HTML 3Page - Analog Devices AD1848 Datasheet HTML 4Page - Analog Devices AD1848 Datasheet HTML 5Page - Analog Devices AD1848 Datasheet HTML 6Page - Analog Devices AD1848 Datasheet HTML 7Page - Analog Devices AD1848 Datasheet HTML 8Page - Analog Devices AD1848 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD1848K
REV. 0
–4–
DAC ATTENUATOR
Min
Typ
Max
Units
Step Size (0 dB to –34.5 dB)
1.3
1.5
1.7
dB
Step Size (–60 dB to –94.5 dB)*
1.0
1.5
2.0
dB
Output Attenuation Range Span*
93.5
94.5
95.5
dB
ANALOG OUTPUT
Min
Typ
Max
Units
Full-Scale Output Voltage
0.707
Vrms
1.85
2.0
2.1
V p-p
Output Impedance
600
Ω
External Load Impedance
10
k
Ω
Output Capacitance
15
pF
External Load Capacitance
100
pF
VREF
2.10
2.25
2.40
V
VREF Current Drive
100
µA
VREF Output Impedance
4
k
Ω
Mute Attenuation of 0 dB
–80
dB
Fundamental* (OUT)
Mute Click
5mV
(|Muted Output Minus Unmuted
Midscale DAC Output|)
SYSTEM SPECIFICATIONS
Min
Typ
Max
Units
Peak-to-Peak Frequency Response Ripple*
1.0
dB
(Line In to Line Out)
Differential Nonlinearity*
±1
Bit
Phase Linearity Deviation*
5
Degrees
STATIC DIGITAL SPECIFICATIONS
Min
Max
Units
High Level Input Voltage (VIH)
Digital Inputs
2.4
(VD+) + 0 3
V
XTAL1/2I
2.4
(VD+) + 0 3
V
Low Level Input Voltage (VIL)
–0.3
0.8
V
High Level Output Voltage (VOH) at IOH = –2 mA
2.4
V
Low Level Output Voltage (VOL) at IOL = 2 mA
0.4
V
Input Leakage Current
–10
10
µA
(GO/NOGO Tested)
Output Leakage Current
–10
10
µA
(GO/NOGO Tested)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com