Electronic Components Datasheet Search
  English  ▼

X  

AD1848 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1848
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1848 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1848 Datasheet HTML 10Page - Analog Devices AD1848 Datasheet HTML 11Page - Analog Devices AD1848 Datasheet HTML 12Page - Analog Devices AD1848 Datasheet HTML 13Page - Analog Devices AD1848 Datasheet HTML 14Page - Analog Devices AD1848 Datasheet HTML 15Page - Analog Devices AD1848 Datasheet HTML 16Page - Analog Devices AD1848 Datasheet HTML 17Page - Analog Devices AD1848 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD1848K
REV. 0
–14–
PIO Data Registers (ADRI :0 = 3)
ADR1:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
3
CD7
CD6
CD5
CD4
CD3
CD2
CD1
CD0
3
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
The PIO Data Registers are two registers mapped to the same address. Writes send data to the PIO Playback Data Register (PD7:0).
Reads will receive data from the PIO Capture Data Register (CD7:0).
During AD1848K initialization, the PIO Playback Data Register cannot be written and the Capture Data Register is always read
“1000 0000 (80h).”
CD7:0
PIO Capture Data Register. This is the control register where capture data is read during programmed I/O data transfers.
The reading of this register will increment the state machine so that the following read will be from the next appropriate
byte in the sample. The exact byte which is next to be read can be determined by reading the Status Register. Once all
relevant bytes have been read, the state machine will stay pointed to the last byte of the sample until a new sample is re-
ceived from the ADCs. Once this has occurred, the state machine and status register will point to the first byte of the
sample. Until a new sample is received, reads from this register will return the most significant byte of the sample.
PD7:0
PIO Playback Data Register. This is the control register where playback data is written during programmed I/O data
transfers.
Writing data to this register will increment the playback byte tracking state machine so that the following write will be
to the correct byte of the sample. Once all bytes of a sample have been written, subsequent byte writes to this port are
ignored. The state machine is reset when the current sample is sent to the DACs.
Indirect Control Register Definitions
The following control registers are accessed by writing index values to IXA3:0 in the Index Address Register (ADR1:0 = 0) followed
by a read/write to the Indexed Data Register (ADR1:0 = 1).
Left Input Control (IXA3:0 = 0)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
0
LSS1
LSS0
LMGE
res
LIG3
LIG2
LIG1
LIG0
LIG3:0
Left Input Gain Select. The least significant bit of this gain select represents +1.5 dB. Maximum gain is +22.5 dB.
res
Reserved for future expansion. Always write a zero to this bit.
LMGE
Left Input Microphone Gain Enable. Setting this bit will enable the +20 dB gain of the left mic input signal.
LSS1:0
Left Input Source Select. These bits select the input source for the left gain stage preceding the left ADC.
0
Left Line Source Selected
1
Left Auxiliary 1 Source Selected
2
Left Microphone Source Selected
3
Left Line Post-Mixed DAC Output Source Selected
This register’s initial state after reset is “0000 0000.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com