Electronic Components Datasheet Search
  English  ▼

X  

AD7714YN Datasheet(PDF) 29 Page - Analog Devices

Part # AD7714YN
Description  3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714YN Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7714YN Datasheet HTML 25Page - Analog Devices AD7714YN Datasheet HTML 26Page - Analog Devices AD7714YN Datasheet HTML 27Page - Analog Devices AD7714YN Datasheet HTML 28Page - Analog Devices AD7714YN Datasheet HTML 29Page - Analog Devices AD7714YN Datasheet HTML 30Page - Analog Devices AD7714YN Datasheet HTML 31Page - Analog Devices AD7714YN Datasheet HTML 32Page - Analog Devices AD7714YN Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
2
AD7714
REV. C
–29–
DIGITAL INTERFACE
The AD7714’s programmable functions are controlled using a
set of on-chip registers as previously outlined. Data is written to
these registers via the part’s serial interface, and read access to
the on-chip registers is also provided by this interface. All com-
munications to the part must start with a write operation to the
Communications Register. After power-on or
RESET, the de-
vice expects a write to its Communications Register. The data
written to this register determines whether the next operation to
the part is a read or a write operation and also determines to
which register this read or write operation occurs. Therefore,
write access to any of the other registers on the part starts with a
write operation to the Communications Register followed by a
write to the selected register. A read operation from any register
on the part (including the output data register) starts with a
write operation to the Communications Register followed by a
read operation from the selected register.
The AD7714’s serial interface consists of five signals,
CS,
SCLK, DIN, DOUT and
DRDY. The DIN line is used for
transferring data into the on-chip registers while the DOUT line
is used for accessing data from the on-chip registers. SCLK is
the serial clock input for the device and all data transfers (either
on DIN or DOUT) take place with respect to this SCLK signal.
The
DRDY line is used as a status signal to indicate when data
is ready to be read from the AD7714’s data register.
DRDY
goes low when a new data word is available in the output regis-
ter. It is reset high when a read operation from the data register
is complete. It also goes high prior to the updating of the output
register to indicate when not to read from the device to ensure
that a data read is not attempted while the register is being
updated.
CS is used to select the device. It can be used to de-
code the AD7714 in systems where a number of parts are con-
nected to the serial bus.
The AD7714 serial interface can operate in three-wire mode by
tying the
CS input low. In this case, the SCLK, DIN and
DOUT lines are used to communicate with the AD7714 and
the status of
DRDY can be obtained by interrogating the MSB
of the Communications Register.
Figures 6 and 7 show timing diagrams for interfacing to the
AD7714 with
CS used to decode the part. Figure 6 is for a read
operation from the AD7714’s output shift register, while Figure
7 shows a write operation to the input shift register. Both dia-
grams are for the POL input at a logic high; for operation with
the POL input at a logic low simply invert the SCLK waveform
shown in the diagrams. It is possible to read the same data
twice from the output register even though the
DRDY line
returns high after the first read operation. Care must be taken,
however, to ensure that the read operations have been com-
pleted before the next output update is about to take place.
The serial interface can be reset by exercising the
RESET input
on the part. It can also be reset by writing a series of 1s on the
DIN input. If a logic 1 is written to the AD7714 DIN line for at
least 32 serial clock cycles the serial interface is reset. This
ensures in three-wire systems that if the interface gets lost, either
via a software error or by some glitch in the system, it can be
reset back into a known state. This state returns the interface to
where the AD7714 is expecting a write operation to the Com-
munications Register. This operation does not in itself reset the
contents of any registers but since the interface was lost, the
information that was written to any of the registers is unknown
and it is advisable to set up all registers again.
Figure 6. Read Cycle Timing Diagram (POL = 1)
Figure 7. Write Cycle Timing Diagram (POL = 1)
DOUT
SCLK
CS
DRDY
MSB
t5
t7
t9
LSB
t8
t6
t4
t3
t10
DIN
SCLK
CS
MSB
t12
t15
LSB
t16
t14
t11
t13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com