Electronic Components Datasheet Search
  English  ▼

X  

AD7714YN Datasheet(PDF) 30 Page - Analog Devices

Part # AD7714YN
Description  3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714YN Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7714YN Datasheet HTML 26Page - Analog Devices AD7714YN Datasheet HTML 27Page - Analog Devices AD7714YN Datasheet HTML 28Page - Analog Devices AD7714YN Datasheet HTML 29Page - Analog Devices AD7714YN Datasheet HTML 30Page - Analog Devices AD7714YN Datasheet HTML 31Page - Analog Devices AD7714YN Datasheet HTML 32Page - Analog Devices AD7714YN Datasheet HTML 33Page - Analog Devices AD7714YN Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
AD7714
REV. C
–30–
Figure 8. Flowchart for Setting Up and Reading from the AD7714
CONFIGURING THE AD7714
The AD7714 contains eight on-chip registers that can be
accessed via the serial interface. Communication with any of
these registers is initiated by writing to the Communications
Register first. Figure 8 outlines a flow diagram of the sequence
which is used to configure all registers after a power-up or reset.
The flowchart also shows two different read options—the first
where the
DRDY pin is polled to determine when an update of
the data register has taken place, the second where the
DRDY
bit of the Communications Register is interrogated to see if a
data register update has taken place. Also included in the flow-
ing diagram is a series of words which should be written to the
registers for a particular set of operating conditions. These con-
ditions are test channel (AIN6/AIN6), gain of 1, burnout cur-
rent off, no filter sync, bipolar mode, 24-bit word length, boost
off and maximum filter word (4000 decimal).
START
CONFIGURE & INITIALIZE µC/µP SERIAL PORT
POWER-ON/RESET FOR AD7714
WRITE TO COMMUNICATIONS REGISTER SETTING UP
CHANNEL & SETTING UP NEXT OPERATION TO BE A
WRITE TO THE FILTER HIGH REGISTER (27 HEX)
WRITE TO FILTER HIGH REGISTER SETTING
UP REQUIRED VALUES (4F HEX)
WRITE TO FILTER LOW REGISTER SETTING
UP REQUIRED VALUES (A0 HEX)
WRITE TO MODE REGISTER SETTING UP REQUIRED
VALUES & INITIATING A CALIBRATION (20 HEX)
WRITE TO COMMUNICATIONS REGISTER SETTING UP
SAME CHANNEL & SETTING UP NEXT OPERATION TO
BE A WRITE TO THE FILTER LOW REGISTER (37 HEX)
WRITE TO COMMUNICATIONS REGISTER SETTING UP
SAME CHANNEL & SETTING UP NEXT OPERATION TO
BE A WRITE TO THE MODE REGISTER (17 HEX)
POLL
DRDY PIN
DRDY
LOW?
YES
NO
WRITE TO COMMUNICATIONS REGISTER SETTING UP
SAME CHANNEL & SETTING UP NEXT OPERATION TO
BE A READ FROM THE DATA REGISTER (5F HEX)
READ FROM DATA REGISTER
DRDY
LOW?
POLL
DRDY BIT OF COMMUNICATIONS REGISTER
YES
NO
WRITE TO COMMUNICATIONS REGISTER SETTING UP
SAME CHANNEL & SETTING UP NEXT OPERATION TO
BE A READ FROM THE DATA REGISTER (5F HEX)
READ FROM DATA REGISTER
WRITE TO COMMUNICATIONS REGISTER SETTING UP
SAME CHANNEL & SETTING UP NEXT OPERATION TO BE A
READ FROM THE COMMUNICATIONS REGISTER (0F HEX)
READ FROM COMMUNICATIONS REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com