Electronic Components Datasheet Search
  English  ▼

X  

AD7714YN Datasheet(PDF) 36 Page - Analog Devices

Part # AD7714YN
Description  3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714YN Datasheet(HTML) 36 Page - Analog Devices

Back Button AD7714YN Datasheet HTML 32Page - Analog Devices AD7714YN Datasheet HTML 33Page - Analog Devices AD7714YN Datasheet HTML 34Page - Analog Devices AD7714YN Datasheet HTML 35Page - Analog Devices AD7714YN Datasheet HTML 36Page - Analog Devices AD7714YN Datasheet HTML 37Page - Analog Devices AD7714YN Datasheet HTML 38Page - Analog Devices AD7714YN Datasheet HTML 39Page - Analog Devices AD7714YN Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
AD7714
REV. C
–36–
RTD Measurement
Figure 14 shows another temperature measurement application
for the AD7714. In this case, the transducer is an RTD (Resis-
tive Temperature Device), a PT100. The arrangement is a 4-
lead RTD configuration. There are voltage drops across the lead
resistances RL1 and RL4 but these simply shift the common-
mode voltage. There is no voltage drop across lead resistances
RL2 and RL3 as the input current to the AD7714 is very low. The
lead resistances present a small source impedance so it would
not generally be necessary to turn on the buffer on the AD7714.
If the buffer is required, the common-mode voltage should be
set accordingly by inserting a small resistance between the bot-
tom end of the RTD and AGND of the AD7714. In the appli-
cation shown an external 400
µA current source provides the
excitation current for the PT100 and it also generates the refer-
ence voltage for the AD7714 via the 6.25 k
Ω resistor. Variations
in the excitation current do not affect the circuit as both the
input voltage and the reference voltage vary ratiometrically with
the excitation current. However, the 6.25 k
Ω resistor must have
a low temperature coefficient to avoid errors in the reference
voltage over temperature.
CLOCK
GENERATION
AUTO-ZEROED
MODULATOR
CHARGE BALANCING A/D
CONVERTER
DIGITAL
FILTER
AVDD
1 A
BUFFER
AVDD
SERIAL INTERFACE
REGISTER BANK
STANDBY
SYNC
MCLK IN
MCLK OUT
1 A
REF IN (+)
REF IN (–)
AGND
DGND
BUFFER
DOUT
DIN
CS
SCLK
POL
DRDY
RESET
DVDD
AD7714
+5V
400 A
AGND
RL4
RL3
RL2
RL1
RTD
6.25k
AIN1
AIN2
A = 1–128
PGA
Figure 14. RTD Measurement Using the AD7714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com