Electronic Components Datasheet Search
  English  ▼

X  

AD7714YN Datasheet(PDF) 35 Page - Analog Devices

Part # AD7714YN
Description  3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714YN Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7714YN Datasheet HTML 31Page - Analog Devices AD7714YN Datasheet HTML 32Page - Analog Devices AD7714YN Datasheet HTML 33Page - Analog Devices AD7714YN Datasheet HTML 34Page - Analog Devices AD7714YN Datasheet HTML 35Page - Analog Devices AD7714YN Datasheet HTML 36Page - Analog Devices AD7714YN Datasheet HTML 37Page - Analog Devices AD7714YN Datasheet HTML 38Page - Analog Devices AD7714YN Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
2
AD7714
REV. C
–35–
CLOCK
GENERATION
AUTO-ZEROED
MODULATOR
CHARGE BALANCING A/D
CONVERTER
DIGITAL
FILTER
AVDD
1 A
BUFFER
AVDD
SERIAL INTERFACE
REGISTER BANK
STANDBY
SYNC
MCLK IN
MCLK OUT
1 A
REF IN (+)
REF IN (–)
AGND
DGND
BUFFER
DOUT
DIN
CS
SCLK
POL
DRDY
RESET
DVDD
AD7714
DVDD
GND
+5V
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
C
C
VOUT
AD780
THERMOCOUPLE
JUNCTION
+5V
+VIN
A = 1–128
AGND
R
R
PGA
Figure 13. Thermocouple Measurement Using the AD7714
Temperature Measurement
Another application area for the AD7714 is in temperature
measurement. Figure 13 outlines a connection from a thermo-
couple to the AD7714. In this application, the AD7714 is oper-
ated in its buffered mode to allow large decoupling capacitors
on the front end to eliminate any noise pickup which there may
have been in the thermocouple leads. When the AD7714 is
operated in buffered mode, it has a reduced common-mode
range. In order to place the differential voltage from the thermo-
couple on a suitable common-mode voltage, the AIN2 input of
the AD7714 is biased up at the reference voltage, +2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com