Electronic Components Datasheet Search
  English  ▼

X  

AD7714YN Datasheet(PDF) 37 Page - Analog Devices

Part # AD7714YN
Description  3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714YN Datasheet(HTML) 37 Page - Analog Devices

Back Button AD7714YN Datasheet HTML 32Page - Analog Devices AD7714YN Datasheet HTML 33Page - Analog Devices AD7714YN Datasheet HTML 34Page - Analog Devices AD7714YN Datasheet HTML 35Page - Analog Devices AD7714YN Datasheet HTML 36Page - Analog Devices AD7714YN Datasheet HTML 37Page - Analog Devices AD7714YN Datasheet HTML 38Page - Analog Devices AD7714YN Datasheet HTML 39Page - Analog Devices AD7714YN Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
2
AD7714
REV. C
–37–
Data Acquisition
The AD7714 with its three differential channels (or five pseudo-
differential channels) is suited to low bandwidth, high resolution
data acquisition systems. In addition, the three-wire digital
interface allows this data acquisition front end to be isolated
with just three optoisolators. The entire system can be operated
from a single +3 V or +5 V supply provided that the input sig-
nals to the AD7714’s analog inputs are all of positive polarity.
The low power operation of the AD7714 ensures that very little
power has to be brought across the isolation barrier. Figure 15
shows the AD7714 in an isolated data acquisition system.
CLOCK
GENERATION
CHARGE BALANCING A/D
CONVERTER
DIGITAL
FILTER
AVDD
1 A
BUFFER
AVDD
SERIAL INTERFACE
REGISTER BANK
STANDBY
SYNC
MCLK IN
MCLK OUT
1 A
REF IN (+)
REF IN (–)
AGND
DGND
BUFFER
DOUT
DIN
CS
SCLK
POL
DRDY
RESET
DVDD
AD7714
DVDD
GND
+5V
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
VOUT
AD780
+5V
+VIN
A = 1–128
AGND
IN1+
IN1–
IN2+
IN2–
IN3+
IN3–
MICROCONTROLLER
OPTO-ISOLATORS
PGA
AUTO-ZEROED
MODULATOR
Figure 15. Data Acquisition System Using the AD7714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com