Electronic Components Datasheet Search
  English  ▼

X  

AD7731 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7731
Description  Low Noise, High Throughput 24-Bit Sigma-Delta ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7731 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7731 Datasheet HTML 3Page - Analog Devices AD7731 Datasheet HTML 4Page - Analog Devices AD7731 Datasheet HTML 5Page - Analog Devices AD7731 Datasheet HTML 6Page - Analog Devices AD7731 Datasheet HTML 7Page - Analog Devices AD7731 Datasheet HTML 8Page - Analog Devices AD7731 Datasheet HTML 9Page - Analog Devices AD7731 Datasheet HTML 10Page - Analog Devices AD7731 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AD7731
–7–
REV. 0
FASTSTEP™
FILTER
CHOP
ANALOG
INPUT
DIGITAL
OUTPUT
BUFFER
SKIP
OUTPUT
SCALING
22-TAP
FIR FILTER
THE ANALOG INPUT TO THE PART
CAN BE CHOPPED. IN CHOPPING MODE,
THE INPUT IS CHOPPEDAND THE OUTPUT OF
THE FIRST STAGE FILTER IS CHOPPED
REMOVING ERRORS IN THAT PATH.
THE DEFAULT CONDITION IS
CHOPPING DISABLED
THE FIRST STAGE OF THE DIGITAL
FILTERING ON THE PART IS THE
SINC3 FILTER. THE OUTPUT UPDATE
RATE AND BANDWIDTH OF THIS
FILTER CAN BE PROGRAMMED. IN
SKIP MODE, THE SINC3 FILTER IS
THE ONLY FILTERING PERFORMED
ON THE P3T.
IN SKIP MODE, THERE IS NO
SECOND STAGE OF FILTERING ON
THE PART. THE SINC3 FILTER IS
THE ONLY FILTERING PERFORMED
ON THE PART. THIS IS THE
SECOND STAGE FILTER
WITH SKIP DISABLED, THE NORMAL
OPERATING MODE OF THE SECOND STAGE
OF THE DIGITAL FILTERING ON THE PART IS
A FIXED 22-TAP FIR FILTER. IN SKIP MODE,
THIS FIR FILTER IS BYPASSED. WHEN
FASTSTEP™ MODE IS ENABLED AND A
STEP INPUT IS DETECTED, THE SECOND
STAGE FILTERING IS PERFORMED BY THE
FAST STEP FILTER UNTIL THE OUTPUT OF
THIS FILTER HAS FULLY SETTLED
THE OUTPUT WORD FROM THE
DIGITAL FILTER IS SCALED BY THE
CALIBRATION COEFFICIENTS
BEFORE BEING PROVIDED AS THE
CONVERSION RESULT
WHEN FASTSTEP™ MODE IS
ENABLED AND A STEP CHANGE ON
THE INPUT HAS BEEN DETECTED,
THE SECOND STAGE FILTERING IS
PERFORMED BY THE FASTSTEP™
FILTER UNTIL THE FIR FILTER HAS
FULLY SETTLED.
THE OUTPUT OF THE FIRST STAGE
OF FILTERING ON THE PART CAN
BE CHOPPED. THE DEFAULT
CONDITION IS CHOPPING
DISABLED
THE PROGRAMMABLE GAIN
CAPABILITY OF THE PART IS
INCORPORATED AROUND THE
SIGMA DELTA MODULATOR.THE
MODULATOR PROVIDES A HIGH-
FREQUENCY 1-BIT DATA STREAM
TO THE DIGITAL FILTER.
THE INPUT SIGNAL IS BUFFERED
ON-CHIP BEFORE BEING APPLIED
TO THE SAMPLING CAPACITOR OF
THE SIGMA DELTA MODULATOR.
THIS ISOLATES THE SAMPLING
CAPACITOR CHARGING CURRENTS
FROM THE ANALOG INPUT PINS
PGA &
SIGMA-DELTA
MODULATOR
SINC3
FILTER
CHOP
INPUT CHOPPING
SINC3 FILTER
SKIP MODE
22-TAP FIR FILTER
OUTPUT SCALING
FASTSTEP™ FILTER
YY
OUTPUT CHOPPING
PGA & SIGMA-DELTA
MODULATOR
BUFFER
SEE PAGE 25
SEE PAGE 25
SEE PAGE 25
SEE PAGE 26
SEE PAGE 29
SEE PAGE 28
SEE PAGE 25
SEE PAGE 24
SEE PAGE 23
Figure 3. Signal Processing Chain
PIN CONFIGURATION
SCLK
MCLK IN
DGND
DVDD
SYNC
NC
RDY
CS
MCLK OUT
POL
DIN
DOUT
AGND
AVDD
AIN5
AIN1
STANDBY
14
1
2
24
23
5
6
7
20
19
18
3
4
22
21
817
916
10
15
11
TOP VIEW
(Not to Scale)
12
13
AD7731
RESET
REF IN(–)
REF IN(+)
AIN2
AIN3/D1
AIN4/D0
AIN6
NC = NO CONNECT
PIN FUNCTION DESCRIPTIONS
Pin
Pin
No.
Mnemonic
Function
1
SCLK
Serial Clock. Schmitt-Triggered Logic Input. An external serial clock is applied to this input to transfer
serial data to or from the AD7731. This serial clock can be a continuous clock with all data transmitted in a
continuous train of pulses. Alternatively, it can be a noncontinuous clock with the information being trans-
mitted to or from the AD7731 in smaller batches of data.
2
MCLK IN
Master Clock signal for the device. This can be provided in the form of a crystal/resonator or external clock.
A crystal/resonator can be tied across the MCLK IN and MCLK OUT pins. Alternatively, the MCLK IN
pin can be driven with a CMOS-compatible clock and MCLK OUT left unconnected. The part is specified
with a clock input frequency of 4.9152 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com