Electronic Components Datasheet Search
  English  ▼

X  

AD7731 Datasheet(PDF) 38 Page - Analog Devices

Part # AD7731
Description  Low Noise, High Throughput 24-Bit Sigma-Delta ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7731 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD7731 Datasheet HTML 34Page - Analog Devices AD7731 Datasheet HTML 35Page - Analog Devices AD7731 Datasheet HTML 36Page - Analog Devices AD7731 Datasheet HTML 37Page - Analog Devices AD7731 Datasheet HTML 38Page - Analog Devices AD7731 Datasheet HTML 39Page - Analog Devices AD7731 Datasheet HTML 40Page - Analog Devices AD7731 Datasheet HTML 41Page - Analog Devices AD7731 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
AD7731
–38–
REV. 0
The 8XC51 is configured in its Mode 0 serial interface mode.
Its serial interface contains a single data line. As a result, the
DATA OUT and DATA IN pins of the AD7731 should be
connected together. This means that the AD7731 must not be
configured for continuous read operation when interfacing to
the 8XC51. The serial clock on the 8XC51 idles high between
data transfers and, therefore, the POL input of the AD7731
should be hard-wired to a logic high. The 8XC51 outputs the
LSB first in a write operation while the AD7731 expects the
MSB first so the data to be transmitted has to be rearranged
before being written to the output serial register. Similarly, the
AD7731 outputs the MSB first during a read operation while
the 8XC51 expects the LSB first. Therefore, the data read into
the serial buffer needs to be rearranged before the correct data
word from the AD7731 is available in the accumulator.
SYNC
RESET
AD7731
POL
DATA OUT
DATA IN
SCLK
CS
P3.0
P3.1
8XC51
DVDD
Figure 19. AD7731 to 8XC51 Interface
AD7731 to ADSP-2103/ADSP-2105 Interface
Figure 20 shows an interface between the AD7731 and the
ADSP-2105 DSP processor. In the interface shown, the
RDY
bit of the Status Register is again monitored to determine when
the Data Register is updated. The alternative scheme is to use
an interrupt driven system, in which case the
RDY output is
connected to the
IRQ2 input of the ADSP-2105. The RFS and
TFS pins of the ADSP-2105 are configured as active low out-
puts and the ADSP-2105 serial clock line, SCLK, is also config-
ured as an output. The POL pin of the AD7731 is hard-wired
low. Because the SCLK from the ADSP-2105 is a continuous
clock, the
CS of the AD7731 must be used to gate off the clock
once the transfer is complete. The
CS for the AD7731 is active
when either the
RFS or TFS outputs from the ADSP-2105 are
active. The serial clock rate on the ADSP-2105 should be lim-
ited to 3 MHz to ensure correct operation with the AD7731.
SYNC
RESET
AD7731
DATA OUT
DATA IN
SCLK
CS
DR
SCLK
ADSP-2105
DVDD
RFS
TFS
DT
POL
Figure 20. AD7731 to ADSP-2105 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com