Electronic Components Datasheet Search
  English  ▼

X  

AD7731 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7731
Description  Low Noise, High Throughput 24-Bit Sigma-Delta ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7731 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7731 Datasheet HTML 8Page - Analog Devices AD7731 Datasheet HTML 9Page - Analog Devices AD7731 Datasheet HTML 10Page - Analog Devices AD7731 Datasheet HTML 11Page - Analog Devices AD7731 Datasheet HTML 12Page - Analog Devices AD7731 Datasheet HTML 13Page - Analog Devices AD7731 Datasheet HTML 14Page - Analog Devices AD7731 Datasheet HTML 15Page - Analog Devices AD7731 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
AD7731
–12–
REV. 0
Table V. Summary of On-Chip Registers
Power-On/Reset
Register Name
Type
Size
Default Value
Function
Communications
Write Only
8 Bits
Not Applicable
All operations to other registers are initiated through
Register
the Communications Register. This controls whether
subsequent operations are read or write operations
and also selects the register for that subsequent opera-
tion. Most subsequent operations return control to
the Communications Register except for the continu-
ous read mode of operation.
Status Register
Read Only
8 Bits
CX Hex
Provides status information on conversions, calibra-
tions, settling to step inputs, standby operation and
the validity of the reference voltage.
Data Register
Read Only
16 Bits or 24 Bits
000000 Hex
Provides the most up-to-date conversion result from
the part. Register length can be programmed to be
16 bit or 24 bit.
Mode Register
Read/Write
16 Bits
0174 Hex
Controls functions such as mode of operation, uni-
polar/bipolar operation, controlling the function of
AIN3/D1 and AIN4/D0, burnout current and Data
Register word length. It also contains the reference
selection bit, the range selection bits and the channel
selection bits.
Filter Register
Read/Write
16 Bits
2002 Hex
Controls the amount of averaging in the first stage
filter, selects the fast step and skip modes and con-
trols the chopping modes on the part.
Offset Register
Read/Write
24 Bits
Contains a 24-bit word which is the offset calibration
coefficient for the part. The contents of this register
are used to provide offset correction on the output
from the digital filter. There are three Offset Regis-
ters on the part and these are associated with input
channel pairs as outlined in Table XIII.
Gain Register
Read/Write
24 Bits
Contains a 24-bit word which is the gain calibration
coefficient for the part. The contents of this register
are used to provide gain correction on the output
from the digital filter. There are three Gain Registers
on the part and these are associated with input chan-
nel pairs as outlined in Table XIII.
Test Register
Read/Write
24 Bits
000000 Hex
Controls the test modes of the part which are used
when testing the part. The user is advised not to
change the contents of this register.
N
E
W
O
R
E
Z1
W
R0
W
RO
R
E
Z2
S
R1
S
R0
S
R
Y
D
RY
D
T
S
Y
B
T
SF
E
R
O
N3
S
M2
S
M1
S
M0
S
M
2
D
M1
D
M0
D
M
B U
/
N
E
D1
D0
DL
W
F
E
R
I
H2
N
R1
N
R0
N
RO
B2
H
C1
H
C0
H
C
1
1
F
S0
1
F
S9
F
S8
F
S7
F
S6
F
S5
F
S4
F
S
3
F
S2
F
S1
F
S0
F
SO
R
E
ZP
H
CP
I
K
ST
S
A
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com