Electronic Components Datasheet Search
  English  ▼

X  

AD7731 Datasheet(PDF) 37 Page - Analog Devices

Part # AD7731
Description  Low Noise, High Throughput 24-Bit Sigma-Delta ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7731 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD7731 Datasheet HTML 33Page - Analog Devices AD7731 Datasheet HTML 34Page - Analog Devices AD7731 Datasheet HTML 35Page - Analog Devices AD7731 Datasheet HTML 36Page - Analog Devices AD7731 Datasheet HTML 37Page - Analog Devices AD7731 Datasheet HTML 38Page - Analog Devices AD7731 Datasheet HTML 39Page - Analog Devices AD7731 Datasheet HTML 40Page - Analog Devices AD7731 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
AD7731
–37–
REV. 0
MICROCOMPUTER/MICROPROCESSOR INTERFACING
The AD7731’s flexible serial interface allows for easy interface
to most microcomputers and microprocessors. The pseudo-code
of Table XVIII and Table XIX outline typical sequences for
interfacing a microcontroller or microprocessor to the AD7731.
Figures 18, 19 and 20 show some typical interface circuits.
The serial interface on the AD7731 has the capability of operat-
ing from just three wires and is compatible with SPI interface
protocols. The three-wire operation makes the part ideal for
isolated systems where minimizing the number of interface lines
minimizes the number of opto-isolators required in the system.
Register lengths on the AD7731 vary from 8 to 16 to 24 bits.
The 8-bit serial serial ports of most microcontrollers can handle
communication with these registers as either one, two or three
8-bit transfers. DSP processors and microprocessors generally
transfer 16 bits of data in a serial data operation. Some of these
processors, such as the ADSP-2105, have the facility to program
the amount of cycles in a serial transfer. This allows the user to
tailor the number of bits in any transfer to match the register
length of the required register in the AD7731. In any case,
writing 32 bits of data to a 24-bit register is not an issue pro-
vided the final 8 bits of the word are all 1s. This is because the
part returns to the Communications Register following a write
operation.
AD7731 to 68HC11 Interface
Figure 18 shows an interface between the AD7731 and the
68HC11 microcontroller. The diagram shows the minimum
(three-wire) interface with
CS on the AD7731 hard-wired low.
In this scheme, the
RDY bit of the Status Register is monitored
to determine when the Data Register is updated. An alternative
scheme, which increases the number of interface lines to four, is
to monitor the
RDY output line from the AD7731. The moni-
toring of the
RDY line can be done in two ways. First, RDY can
be connected to one of the 68HC11’s port bits (such as PC0)
which is configured as an input. This port bit is then polled to
determine the status of
RDY. The second scheme is to use an
interrupt driven system in which case, the
RDY output is con-
nected to the IRQ input of the 68HC11. For interfaces which
require control of the
CS input on the AD7731, one of the port
bits of the 68HC11 (such as PC1), which is configured as an
output, can be used to drive the
CS input.
The 68HC11 is configured in the master mode with its CPOL
bit set to a logic zero and its CPHA bit set to a logic one. When
the 68HC11 is configured like this, its SCLK line idles low
between data transfers. Therefore, the POL input of the AD7731
should be hard-wired low. For systems where it is preferable
that the SCLK idle high, the CPOL bit of the 68HC11 should
be set to a logic 1 and the POL input of the AD7731 should be
hard-wired to a logic high.
The AD7731 is not capable of full duplex operation. If the
AD7731 is configured for a write operation, no data appears on
the DATA OUT lines even when the SCLK input is active.
However, when the AD7731 is configured for continuous read
operation, data presented to the part on the DATA IN line is
monitored to determine when to exit the continuous read mode.
SYNC
RESET
AD7731
SCLK
DATA OUT
DATA IN
CS
POL
SS
SCK
MISO
MOSI
68HC11
DVDD
DVDD
Figure 18. AD7731 to 68HC11 Interface
AD7731 to 8051 Interface
An interface circuit between the AD7731 and the 8XC51 micro-
controller is shown in Figure 19. The diagram shows the mini-
mum number of interface connections with
CS on the AD7731
hard-wired low. In the case of the 8XC51 interface the mini-
mum number of interconnects is just two. In this scheme, the
RDY bit of the Status Register is monitored to determine when
the Data Register is updated. The alternative scheme, which
increases the number of interface lines to three, is to monitor
the
RDY output line from the AD7731. The monitoring of the
RDY line can be done in two ways. First, RDY can be con-
nected to one of the 8XC51’s port bits (such as P1.0) which is
configured as an input. This port bit is then polled to determine
the status of
RDY. The second scheme is to use an interrupt
driven system in which case, the
RDY output is connected to
the INT1 input of the 8XC51. For interfaces which require
control of the
CS input on the AD7731, one of the port bits of
the 8XC51 (such as P1.1), which is configured as an output,
can be used to drive the
CS input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com