Electronic Components Datasheet Search
  English  ▼

X  

AD7731 Datasheet(PDF) 36 Page - Analog Devices

Part # AD7731
Description  Low Noise, High Throughput 24-Bit Sigma-Delta ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7731 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD7731 Datasheet HTML 32Page - Analog Devices AD7731 Datasheet HTML 33Page - Analog Devices AD7731 Datasheet HTML 34Page - Analog Devices AD7731 Datasheet HTML 35Page - Analog Devices AD7731 Datasheet HTML 36Page - Analog Devices AD7731 Datasheet HTML 37Page - Analog Devices AD7731 Datasheet HTML 38Page - Analog Devices AD7731 Datasheet HTML 39Page - Analog Devices AD7731 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
AD7731
–36–
REV. 0
CONFIGURING THE AD7731
The AD7731 contains twelve on-chip registers which can be accessed via the serial interface. Figure 5 and Figure 6 have outlined a
flowchart for the reading and writing of these registers. Table XIX and Table XX outline sample pseudo-code for some commonly
used routines. The required operating conditions will dictate the values loaded to the Mode and Filter Registers. The values given
here are for example purposes only.
Table XIX. Pseudo-Code for Initiating a Self-Calibration after Power-On/Reset
Write 03 Hex to Serial Port
1
/* Writes to Communications Register Setting Next Operation as Write to
Filter Register*/
Write 1332 Hex to Serial Port
1
/* Writes to Filter Register Setting a 1 kHz Output Rate in nonCHOP
Mode*/
Write 02 Hex to Serial Port
/* Writes to Communications Register Setting Next Operation as Write to
Mode Register*/
Write B174 Hex to Serial Port
/* Writes to Mode Register Initiating Internal Full-Scale Calibration for
0 V to +1.28 V Input Range on Channel Pair AIN1/AIN2*/
Wait for
RDY Low
/* Wait for
RDY pin to go low to indicate end of calibration cycle*/
Write 02 Hex to Serial Port
/* Writes to Communications Register Setting Next Operation as Write to
Mode Register*/
Write 9174 Hex to Serial Port
/* Writes to Mode Register Initiating Internal Zero-Scale Calibration for
0 V to +1.28 V Input Range*/
Wait for
RDY Low
/* Wait for
RDY pin to go low to indicate end of calibration cycle*/
/* The part has now completed self-calibration and is in idle mode*/
1This operation is not necessary if the default values of the Filter Register are the values used in the application.
Table XX. Pseudo-Code for Looping AD7731 Through Three Fully-Differential Channels
CHANNEL = 4 Hex
/* Sets a Variable Called CHANNEL*/
CH_LOOP: MODE = 2177 Hex
/* Sets a Variable Called MODE */
MODE = MODE AND CHANNEL
/* Logical AND of Both Variables */
Write 02 Hex to Serial Port
/* Writes to Communications Register Setting Next Operation as Write to
Mode Register*/
Write MODE to Serial Port
/* Writes to Mode Register Setting Continuous Conversion Mode for 0 V
to +1.28 V Input Range on Channel Determined by CHANNEL Variable*/
Wait for
RDY Low
/* Wait for
RDY pin to go low to Indicate Output Update*/
Write 11 Hex to Serial Port
/* Writes to Communications Register Setting Next Operation as Read
From Data Register*/
Read 24-Bit Data From Serial Port
/* Read Conversion Result from AD7731’s Data Register*/
Increment CHANNEL
/* Increments Channel Address*/
If CHANNEL = 7Hex Then Set CHANNEL = 4 Hex
/* Resets Channel Address*/
Loop to CH_LOOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com