Electronic Components Datasheet Search
  English  ▼

X  

AD7731 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7731
Description  Low Noise, High Throughput 24-Bit Sigma-Delta ADC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7731 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7731 Datasheet HTML 18Page - Analog Devices AD7731 Datasheet HTML 19Page - Analog Devices AD7731 Datasheet HTML 20Page - Analog Devices AD7731 Datasheet HTML 21Page - Analog Devices AD7731 Datasheet HTML 22Page - Analog Devices AD7731 Datasheet HTML 23Page - Analog Devices AD7731 Datasheet HTML 24Page - Analog Devices AD7731 Datasheet HTML 25Page - Analog Devices AD7731 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD7731
–22–
REV. 0
CIRCUIT DESCRIPTION
The AD7731 is a sigma-delta A/D converter with on-chip digital
filtering, intended for the measurement of wide dynamic range,
low-frequency signals such as those in strain-gage, pressure
transducer, temperature measurement, industrial control or pro-
cess control applications. It contains a sigma-delta (or charge-
balancing) ADC, a calibration microcontroller with on-chip
static RAM, a clock oscillator, a digital filter and a bidirectional
serial communications port. The part consumes 13.5 mA of
power supply current with a standby mode which consumes
only 20
µA. The part operates from a single +5 V supply. The
clock source for the part can be provided via an external clock
or by connecting a crystal oscillator or ceramic resonator across
the MCLK IN or MCLK OUT pins.
The part contains three programmable-gain fully differential
analog input channels which can be reconfigured as five pseudo-
differential inputs. The part handles a total of seven different
input ranges on all channels which are programmed via the on-
chip registers. The differential unipolar ranges are: 0 mV to
+20 mV through 0 V to +1.28 V and the differential bipolar
ranges are:
±20 mV through ±1.28 V.
The AD7731 employs a sigma-delta conversion technique to
realize up to 24 bits of no missing codes performance. The
sigma-delta modulator converts the sampled input signal into a
digital pulse train whose duty cycle contains the digital informa-
tion. A digital low-pass filter processes the output of the sigma-
delta modulator and updates the data register at a rate that can
be programmed over the serial interface. The output data from
the part is accessed over this serial interface. The cutoff fre-
quency and output rate of this filter can be programmed via on-
chip registers. The output noise performance and peak-to-peak
resolution of the part varies with gain and with the output rate
as shown in Tables I to IV.
The analog inputs are buffered on-chip, allowing the part to
handle significant source impedances on the analog input. This
means that external R, C filtering (for noise rejection or RFI
interference reduction) can be placed on the analog inputs if
required. The common-mode voltage range for the analog in-
puts comes within 1.2 V of AGND and 0.95 V of AVDD. The
reference input is also differential and the common-mode range
here is from AGND to AVDD.
The AD7731 contains a number of hardware and software
events that set or reset status flags and bits in registers. Table
XVII summarizes which blocks and flags are affected by the
different events.
Table XVII. Reset Events
Set Registers
Mode
Filter
Analog
Reset Serial
Set
RDY
Set
STDY
Event
to Default
Bits
Reset
Power-Down
Interface
Pin/Bit
Bit
Power-On Reset
Yes
000
Yes
Yes
Yes
Yes
Yes
RESET Pin
Yes
000
Yes
No
Yes
Yes
Yes
STANDBY Pin
No
As Is
Yes
Yes
No
Yes
Yes
Mode 011 Write
No
011
Yes
Yes
No
Yes
Yes
SYNC Pin
No
As Is
Yes
No
No
Yes
Yes
Mode 000 Write
No
000
Yes
No
No
Yes
Yes
Conversion or
No
New
Initial
No
No
Yes
Yes
Cal Mode Write
Value
Reset
Clock 32 1s
No
As Is
No
No
Yes
Yes
Yes
Data Register Read
No
As Is
No
No
No
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com